Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK6C Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x High-Performance BAW Oscillator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 5Page - Texas Instruments LMK6C Datasheet HTML 6Page - Texas Instruments LMK6C Datasheet HTML 7Page - Texas Instruments LMK6C Datasheet HTML 8Page - Texas Instruments LMK6C Datasheet HTML 9Page - Texas Instruments LMK6C Datasheet HTML 10Page - Texas Instruments LMK6C Datasheet HTML 11Page - Texas Instruments LMK6C Datasheet HTML 12Page - Texas Instruments LMK6C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIL
Input Low Current
EN = GND
–40
µA
IIH
Input High Current
EN = VDD
40
µA
CIN
Input Capacitance
2
pF
LVPECL, LVDS, and HCSL Frequency Tolerance
FT
Total Frequency Stability
Inclusive of: solder shift, initial tolerance,
variation over -40
℃ to 85℃, variation
over rated supply voltage range, and 10
year aging at 25
℃.
±25
ppm
LVCMOS Frequency Tolerance
FT
Total Frequency Stability
Inclusive of: solder shift, initial tolerance,
variation over -40
℃ to 105℃, variation
over rated supply voltage range, and 10
year aging at 25
℃.
±25
ppm
Power-On Characteristics
tSTART_UP Start-up Time
Time elapsed from 0.95 x VDD until
output is enabled and output is within
specification
5
ms
tOE-EN
Output Enable Time
Time elapsed from OE = VIH until
output is enabled and output is within
specification, Fout > 10 MHz
25
µs
tOE-DIS
Output Disable Time
Time elapsed from OE = VIL until output is
disabled, Fout > 10 MHz
25
µs
LVPECL - Clock Output Jitter
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout > 100 MHz
125
fs
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout = 100 MHz
110
TBD
fs
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout = 125 MHz
95
125
fs
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout = 156.25 MHz
90
125
fs
RJITT,RMS RMS Period Jitter
Fout ≥ 25 MHz
0.7
ps
RJITT,PK
Peak-peak Period Jitter
Fout ≥ 25 MHz
7
ps
LVDS - Clock Output Jitter
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout > 100 MHz
125
fs
RJ
RMS Phase Jitter, BW: 12 kHz - 20 MHz
Fout = 100 MHz
115
TBD
fs
RJ
RMS Phase Jitter, BW: 12 kHz - 20 MHz
Fout = 125 MHz
100
125
fs
RJ
RMS Phase Jitter, BW: 12 kHz - 20 MHz
Fout = 156.25 MHz
95
125
fs
RJITT,RMS RMS Period Jitter
Fout ≥ 25 MHz
0.7
ps
RJITT,PK
Peak-peak Period Jitter
Fout ≥ 25 MHz
7
ps
HCSL - Clock Output Jitter
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout > 100 MHz
125
fs
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout = 100 MHz
110
TBD
fs
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout = 125 MHz
95
125
fs
RJ
RMS Phase Jitter, Integration BW: 12 kHz
- 20 MHz
Fout = 156.25 MHz
90
125
fs
JPCIe1-cc
PCIe Gen 1 Common Clock jitter (jitter
limit = 86 ps)
Fout = 100 MHz
TBD
ps
www.ti.com
LMK6C
SNAS826A – APRIL 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMK6C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com