Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM25751V-12R-R62D Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # EPM25751V-12R-R62D
Description  15 Watt isolated DC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM25751V-12R-R62D Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  EPM25751V-12R-R62D Datasheet HTML 1Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 2Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 3Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 4Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 5Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 6Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 7Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 8Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Technical Data ELX1165
Effective March 2022
EPM25-1V 15 W
15 Watt isolated DC-DC converter
www.eaton.com/electronics
Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Physical
Dimension
1.00 x 1.00 x 0.40 inch
Weight
17 g
Case material
metal case
Base material
FR4 PCB
Potting material
Silicone
EMC
EMI
EN 55032
Class A without external circuit,
Class B with external circuit
ESD
IEC 61000-4-2
Air ± 8 kV; Contact ± 6 kV
Criteria A
RS²
IEC 61000-4-3, 3 V/m
Criteria A
EFT2
IEC 61000-4-4, ± 2 kV
Criteria A
Surge2
IEC 61000-4-5, ± 2 kV
Criteria A
CS2
IEC 61000-4-6, 3 Vrms
Criteria A
PFMF
IEC 61000-4-8, 1 A/m
Criteria A
1. The ripple & noise are measured with 1 μF capacitor at 20 MHz BW.
2. Test with E-CAP 220 μF/100 V at input terminal.
3. All specifications valid at nominal input, full load and +25 ˚C after warm-up time unless otherwise stated.
4. The product information and specifications are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com