Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM25751V-12R-R62D Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # EPM25751V-12R-R62D
Description  15 Watt isolated DC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM25751V-12R-R62D Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  EPM25751V-12R-R62D Datasheet HTML 1Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 2Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 3Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 4Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 5Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 6Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 7Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 8Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Technical Data ELX1165
Effective March 2022
EPM25-1V 15 W
15 Watt isolated DC-DC converter
www.eaton.com/electronics
Part number
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
@ full load
(mA)
Efficiency1
minimum
Efficiency1
typical
Capacitive load2
maximum
(μF)
EPM25361V-3R3-4R0S
9-36
Nominal 24
3.3
4000
84.00%
85.00%
12000
EPM25361V-05R-3R0S
9-36
Nominal 24
5
3000
87.00%
88.00%
6400
EPM25361V-12R-1R2S
9-36
Nominal 24
12
1250
87.50%
88.50%
1200
EPM25361V-15R-1R0S
9-36
Nominal 24
15
1000
88.00%
89.00%
900
EPM25361V-24R-R62S
9-36
Nominal 24
24
625
88.50%
89.50%
240
EPM25361V-12R-R62D
9-36
Nominal 24
±12
±625
86.00%
87.00%
±520
EPM25751V-3R3-4R0S
18-75
Nominal 48
3.3
4000
84.00%
85.00%
12000
EPM25751V-05R-3R0S
18-75
Nominal 48
5
3000
87.00%
88.00%
6400
EPM25751V-12R-1R2S
18-75
Nominal 48
12
1250
88.00%
89.00%
1200
EPM25751V-15R-1R0S
18-75
Nominal 48
15
1000
88.50%
89.50%
900
EPM25751V-24R-R62S
18-75
Nominal 48
24
625
89.00%
90.00%
240
EPM25751V-12R-R62D
18-75
Nominal 48
±12
±625
88.50%
89.50%
±520
1. Efficiency is nominal input voltage and full load @ +25 °C.
2. Capacitive load is tested at minimum input voltage and a constant resistive load.
3. All specifications valid at nominal input voltage, full load and +25 °C after warm-up time unless otherwise stated.
Selection guide
Derating curve
Measure method



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com