Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1129MB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F1129MB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129MB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F1129MB Datasheet HTML 5Page - Renesas Technology Corp F1129MB Datasheet HTML 6Page - Renesas Technology Corp F1129MB Datasheet HTML 7Page - Renesas Technology Corp F1129MB Datasheet HTML 8Page - Renesas Technology Corp F1129MB Datasheet HTML 9Page - Renesas Technology Corp F1129MB Datasheet HTML 10Page - Renesas Technology Corp F1129MB Datasheet HTML 11Page - Renesas Technology Corp F1129MB Datasheet HTML 12Page - Renesas Technology Corp F1129MB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
F1129MB Datasheet
© 2019 Renesas Electronics Corporation
9
January 31, 2021
Electrical Characteristics - 3.3V Supply
See the F1129MB application circuit. Specifications apply when operated at VCC = +3.3V, fRF = 3.55GHz, TEP = +25°C, STBY = logic LOW,
ZS = 50Ω single ended, ZL = 100Ω differential, and EVKit traces and connectors are de-embedded, unless otherwise stated.
Table 5.
Electrical Characteristics with a 3.3V Supply
Note: See important table notes at the end of the table.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High Threshold
VIH
1.17[a]
V
Logic Input Low Threshold
VIL
0.63
V
Logic Current
IIH, IIL
STBY pin using 1.8V logic
-10
+100
µA
Supply Current
ICC
30
mA
Settling Time
tSETTLE
From 50% STBY control to
within ±0.5dB of final gain.
500
ns
RF Input Return Loss
RLIN
fRF = 3.0GHz
13
dB
fRF = 3.3GHz
13
fRF = 3.55GHz
13
fRF = 3.8GHz
13
fRF = 4.2GHz
12
RF Output Return Loss
RLOUT
fRF = 3.0GHz
15
dB
fRF = 3.3GHz
12
fRF = 3.55GHz
13
fRF = 3.8GHz
16
fRF = 4.2GHz
11
Gain
G
fRF = 3.0GHz
18
dB
fRF = 3.3GHz
18
fRF = 3.55GHz
18
fRF = 3.8GHz
18
fRF = 4.2GHz
16.5
Gain Flatness (amplitude)
GVAR
fRF = 3.1GHz, ±100MHz
0.2
dB
fRF = 3.3GHz, ±100MHz
0.1
fRF = 3.55GHz, ±100MHz
0.1
fRF = 3.8GHz, ±100MHz
0.3
fRF = 4.1GHz, ±100MHz
0.9
Gain Variation over Temperature
GTEMP
TEP = -40°C to +115°C
±0.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com