Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1129MB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1129MB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129MB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1129MB Datasheet HTML 7Page - Renesas Technology Corp F1129MB Datasheet HTML 8Page - Renesas Technology Corp F1129MB Datasheet HTML 9Page - Renesas Technology Corp F1129MB Datasheet HTML 10Page - Renesas Technology Corp F1129MB Datasheet HTML 11Page - Renesas Technology Corp F1129MB Datasheet HTML 12Page - Renesas Technology Corp F1129MB Datasheet HTML 13Page - Renesas Technology Corp F1129MB Datasheet HTML 14Page - Renesas Technology Corp F1129MB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
F1129MB Datasheet
© 2019 Renesas Electronics Corporation
11
January 31, 2021
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns that
are not shown in bold italics are guaranteed by design characterization.
[b] Measures RF_IN to RF_OUT- and compares RF_IN to RF_OUT+ amplitude.
[c] Measures RF_IN to RF_OUT- and compares RF_IN to RF_OUT+ phase. Deviation is from ideal 180 degrees.
[d] Measures RF_IN to RF_OUT- and compares RF_IN to RF_OUT+.
[e] OIP3 test conditions: Tone spacing = 5MHz, POUT = +0dBm/tone.
Thermal Characteristics
Table 6.
Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance.
θJA
112.57
°C/W
Junction to Case Thermal Resistance. (Case is defined as the exposed paddle)
θJC-BOT
27.6
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
Typical Operating Conditions (TOC)
Unless otherwise noted, for the TOC graphs on the following pages, the following conditions apply:
Evaluation kit connector and trace losses de-embedded
VCC = 5.0V (plots also taken with VCC = 3.3V)
TEP = 25°C
STBY = not connected (internally pulled logic LOW)
Small signal parameters measured with POUT = 0dBm
Two tone tests POUT = 0dBm/tone with 5MHz tone spacing
All unused ports properly terminated
S-parameters (S11, S21, S12, and S22) measured using a de-embedded Differential Board EVKit with ZS = single-ended 50Ω and
ZL = differential 100Ω. The inputs are mathematically combined using an ideal 1:2 (50Ω:100Ω) transformer to produce the 2 port S-
parameters.
OIP3, Output P1dB and Noise Figure measured using a Transformer Board EVKit with ZS = ZL = single-ended 50Ω
Amplitude and phase imbalances measures RF_IN to RF_OUT+ and compares to RF_IN to RF_OUT-
Phase imbalance is the deviation from an ideal 180 degrees
Note: The use of the external transformer T1 is included for simple 2 port evaluation purposes. At some frequencies the external transformer
interacts with the on-chip balun affecting the gain and noise figure flatness responses. These interactions have been removed from the
noise figure TOCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com