Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2910 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2910 Datasheet HTML 9Page - Renesas Technology Corp F2910 Datasheet HTML 10Page - Renesas Technology Corp F2910 Datasheet HTML 11Page - Renesas Technology Corp F2910 Datasheet HTML 12Page - Renesas Technology Corp F2910 Datasheet HTML 13Page - Renesas Technology Corp F2910 Datasheet HTML 14Page - Renesas Technology Corp F2910 Datasheet HTML 15Page - Renesas Technology Corp F2910 Datasheet HTML 16Page - Renesas Technology Corp F2910 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
13
August 31, 2020
Table 7. Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1
1
0.1 µF ±10%, 16V, X7R, Ceramic Capacitor (0402)
GRM155R71C104KA88D
Murata
C2
1
0.5 pF ±0.1 pF, 50V, C0G, Ceramic Capacitor (0402)
GJM1555C1HR50BB01
Murata
C3
1
4.5 pF ±0.1 pF, 50V, C0G, Ceramic Capacitor (0402) GJM1555C1H4R5BB01D
Murata
C4
0
Not Installed (0402)
C5
1
4.9 pF ±0.1 pF, 50V, C0G, Ceramic Capacitor (0402)
GJM1555C1H4R9BB01
Murata
R1
1
15k Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1502X
Panasonic
R2
1
18k Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1802X
Panasonic
R3, R4
2
0 Ω 1/10W, Jumper (0402)
ERJ-2GE0R00X
Panasonic
J1 – J4
4
SMA Edge Mount
142-0761-881
Cinch Connectivity
J5
1
CONN HEADER VERT 4x2 POS GOLD
67997-108HLF
Amphenol FCI
TP1
0
Not Installed (Red Test Point Loop)
TP2, TP3
0
Not Installed (Black Test Point Loop)
U1
1
SPST Switch 2 mm x 2 mm 8 pin DFN
F2910NBGP/W
IDT
1
Printed Circuit Board
F2910 EVKIT REV 01
IDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com