Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2912 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2912 Datasheet HTML 1Page - Renesas Technology Corp F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet
F2912
High Reliability SP2T RF Switch
R35DS0019EU0104 Rev.1.04
Sep 20, 2021
Page 1
© 2021 Renesas Electronics
The F2912 is a high reliability, low insertion loss, 50
Ω
SP2T absorptive RF switch designed for a multitude
of wireless and other RF applications. This device
covers a broad frequency range from 9kHz to
9000MHz. In addition to providing low insertion loss,
the F2912 also delivers excellent linearity and
isolation performance while providing a 50
Ω
termination to the unused RF input port.
The F2912 uses a single positive supply voltage of
3.3V supporting three states using either 3.3V or
1.8V user-selectable control voltage. An added
feature includes a Mode CTL pin allowing the user to
control the device with either 1-pin or 2-pin control.
Competitive Advantage
The F2912 provides extremely low insertion loss;
particularly important for RF receiver front-end use.
Insertion Loss : 0.4dB at 1GHz
IIP3: +66dBm
RF1 to RF2 Isolation: 74dB at 1GHz
Negative supply voltage not required
Extended temperature -55°C to +125°C
Features
■ Very low insertion loss: 0.4dB at 1GHz
■ High Input IP3: +66dBm
■ RF1 to RF2 Isolation: 74dB at 1GHz
■ 1-pin or 2-pin device control option
■ Low DC current; 20
μA using 3.3V logic
■ Single positive supply voltage: 3.3V
■ 3.3V or 1.8V user-selectable control logic
■ Operating temperature -55°C to +125°C
■ 4 x 4 mm 20-VFQFPN package
Applications
■ Base Station 2G, 3G, 4G
■ Portable Wireless
■ Repeaters and E911 systems
■ Digital Pre-Distortion
■ Point to Point Infrastructure
■ Public Safety Infrastructure
■ WIMAX Receivers and Transmitters
■ Military Systems, JTRS radios
■ RFID handheld and portable readers
■ Cable Infrastructure
■ Wireless LAN
■ Test / ATE Equipment
Figure 1. Functional Block Diagram


Similar Part No. - F2912

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2912NCGI RENESAS-F2912NCGI Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2912NCGI8 RENESAS-F2912NCGI8 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
More results

Similar Description - F2912

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com