Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2771 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2771
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2771 Datasheet HTML 1Page - National Semiconductor (TI) LM2771 Datasheet HTML 2Page - National Semiconductor (TI) LM2771 Datasheet HTML 3Page - National Semiconductor (TI) LM2771 Datasheet HTML 4Page - National Semiconductor (TI) LM2771 Datasheet HTML 5Page - National Semiconductor (TI) LM2771 Datasheet HTML 6Page - National Semiconductor (TI) LM2771 Datasheet HTML 7Page - National Semiconductor (TI) LM2771 Datasheet HTML 8Page - National Semiconductor (TI) LM2771 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
Note 4: For detailed information on soldering requirements and recommendations, please refer to National Semiconductor’s Application Note 1187 (AN-1187):
Leadless Leadframe Package (LLP).
Note 5: The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 6: Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =110
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 7: Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues.
Note 8: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 9: CIN,COUT,C1: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 10: VOUT is set to 1.6V during this test.
Note 11: Open loop output resistance can be used to predict output voltage when, under low VIN and high IOUT conditions, VOUT falls out of regulation. VOUT =VIN/2
−(ROL xIOUT)
Note 12: Maximum input current is equal to half the maximum output current for buck-mode switched capacitor converters.
Note 13: There is a 350k
Ω pull-down resistor connected internally between the EN pin and GND.
Block Diagram
20183803
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com