Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2771 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2771
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2771 Datasheet HTML 1Page - National Semiconductor (TI) LM2771 Datasheet HTML 2Page - National Semiconductor (TI) LM2771 Datasheet HTML 3Page - National Semiconductor (TI) LM2771 Datasheet HTML 4Page - National Semiconductor (TI) LM2771 Datasheet HTML 5Page - National Semiconductor (TI) LM2771 Datasheet HTML 6Page - National Semiconductor (TI) LM2771 Datasheet HTML 7Page - National Semiconductor (TI) LM2771 Datasheet HTML 8Page - National Semiconductor (TI) LM2771 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2771
Low-Ripple 250mA Switched Capacitor Step-Down
DC/DC Converter
General Description
The LM2771 is a switched capacitor step-down regulator
that produces a 1.5V output without the use of an inductor. It
is capable of supplying loads up to 250mA. The LM2771
operates with an input voltage from 2.7V to 5.5V, and re-
quires only 3 low-cost ceramic capacitors.
The LM2771 uses a regulated 0.5x charge pump to give
power conversion efficiencies nearly twice as high as an
LDO. Pre-regulated 1.1MHz fixed-frequency switching re-
sults in very low ripple and noise on both the input and the
output. When output currents are low (<30mA typ.), the part
automatically switches to a low-ripple PFM regulation mode
to maintain high efficiency over the entire load range. At
input voltages below 3.5V (Typ), the charge pump goes into
pass mode, with efficiencies similar to an LDO.
The LM2771 is available in National’s 10-pad Leadless
Leadframe No-Pullback Package (LLP-10).
Features
n
Low-Noise Fixed Frequency Operation
n
1.5V Output Voltage
n
Li-Ion (3.6V) to 1.5V with 81% Efficiency
n
1.7% Output Voltage Accuracy
n
Very Low Output Ripple: 8mV @ 250mA
n
Output Currents up to 250mA
n
2.7V to 5.5V Input Range
n
Shutdown Disconnects Load from V
IN
n
1.1MHz Switching Frequency
n
No Inductors…Small Solution Size
n
Current Limit and Thermal Protection
n
LLP-10 Package (3mm x 3mm x 0.8mm)
Applications
n
DSP, Memory, and Microprocessor Power Supplies
n
Mobile Phones and Pagers
n
Portable Electronic Devices
Typical Application Circuit
20183801
LM2771 Efficiency vs.
Low-Dropout Linear Regulator (LDO) Efficiency
20183813
March 2006
© 2006 National Semiconductor Corporation
DS201838
www.national.com


Similar Part No. - LM2771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771 TI2-LM2771 Datasheet
943Kb / 16P
LM2771 Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
REVISED MAY 2013
LM2771SD/NOPB TI1-LM2771SD/NOPB Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SD/NOPB TI2-LM2771SD/NOPB Datasheet
943Kb / 16P
LM2771 Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
REVISED MAY 2013
LM2771SD/NOPB.A TI2-LM2771SD/NOPB.A Datasheet
943Kb / 16P
LM2771 Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
REVISED MAY 2013
More results

Similar Description - LM2771

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
ams AG
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
650mA, Ultra low Ripple Step Down DC/DC Converter
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
Low-Ripple Switched Capacitor Step-Down Regulator
logo
ams AG
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
Low-Ripple Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com