Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2771SD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2771SD
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771SD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2771SD Datasheet HTML 1Page - National Semiconductor (TI) LM2771SD Datasheet HTML 2Page - National Semiconductor (TI) LM2771SD Datasheet HTML 3Page - National Semiconductor (TI) LM2771SD Datasheet HTML 4Page - National Semiconductor (TI) LM2771SD Datasheet HTML 5Page - National Semiconductor (TI) LM2771SD Datasheet HTML 6Page - National Semiconductor (TI) LM2771SD Datasheet HTML 7Page - National Semiconductor (TI) LM2771SD Datasheet HTML 8Page - National Semiconductor (TI) LM2771SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagram and Package Mark Information
10-Pin Non-Pullback Leadless Frame Package (LLP-10)
National Semiconductor Package Number SDA10A
20183802
Pin Descriptions
Pin #
Name
Description
1V
IN
Input Voltage: Recommended V
IN operating range 3.0V to 5.5V.
2
GND
Ground
3V
OUT
Output Voltage
4
NC
No Connect
5
NC
No Connect
6
C1-
Flying Capacitor 1: Negative Terminal
7
C1+
Flying Capacitor 1: Positive Terminal
8
NC
No Connect
9
GND
Ground
10
EN
Enable Pin Logic Input. Applying a logic HIGH voltage signal enables the part.
A logic LOW voltage signal places the the device in shutdown.
Order Information
Output Voltages
Order Number
Package Mark ID
Package
Supplied as:
1.5V
LM2771SD
XXXXX = CZC2CX
YYYYY = L2771
SDA10A
Non-Pullback LLP
1000 Units, Tape and Reel
1.5V
LM2771SDX
XXXXX = CZC2CX
YYYYY = L2771
4500 Units, Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com