Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2771SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2771SD
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2771SD Datasheet HTML 1Page - National Semiconductor (TI) LM2771SD Datasheet HTML 2Page - National Semiconductor (TI) LM2771SD Datasheet HTML 3Page - National Semiconductor (TI) LM2771SD Datasheet HTML 4Page - National Semiconductor (TI) LM2771SD Datasheet HTML 5Page - National Semiconductor (TI) LM2771SD Datasheet HTML 6Page - National Semiconductor (TI) LM2771SD Datasheet HTML 7Page - National Semiconductor (TI) LM2771SD Datasheet HTML 8Page - National Semiconductor (TI) LM2771SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin Voltage
-0.3V to 6.0V
EN Pin Voltage
-0.3V to (V
IN+0.3V)
w/ 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
150oC
Storage Temperature Range
-65oC to +150o C
Maximum Lead Temperature
(Note 4)
265oC
ESD Rating (Note 5)
Human Body Model:
Machine Model
2.0kV
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range
2.7V to 5.5V
Recommended Load Current Range
0mA to 250mA
Junction Temperature (T
J) Range
-30˚C to +110˚C
Ambient Temperature (T
A) Range
(Note 6)
-30˚C to +85˚C
Thermal Properties
Junction-to-Ambient Thermal
Resistance (
θ
JA), LLP10 Package
(Note 7)
55˚C/W
Electrical Characteristics (Notes 2, 8)
Limits in standard typeface are for T
J =25
oC. Limits in boldface type apply over the full operating junction temperature range
(-30˚C
≤ T
J
≤ +110˚C) . Unless otherwise noted, specifications apply to the LM2771 Typical Application Circuit (pg. 1) with: V
IN
= 3.6V; V(EN) = 1.8V, C
IN =C1 = 1.0µF, COUT = 4.7µF. (Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
1.5V Output Voltage Regulation
3.0V
≤ V
IN
≤ 5.5V
0mA
≤ I
OUT
≤ 200mA
1.455
(−3%)
1.5
1.545
(+3%)
V
3.0V
≤ V
IN
≤ 5.5V
I
OUT = 150mA
1.475
(−1.7%)
1.5
1.525
(+1.7%)
3.0V < V
IN
≤ 5.5V,
0mA
≤ I
OUT
≤ 250mA
1.445
(−3.7%)
1.5
1.545
(+3%)
V
OUT/IOUT
Output Load Regulation
V
OUT = 1.5V
0mA
≤ I
OUT
≤ 250mA
0.17
mV/mA
V
OUT/VIN
Output Line Regulation
0.1
%/V
E
Power Efficiency
I
OUT = 200mA
81
%
I
Q
Quiescent Supply Current
I
OUT = 0mA
(Note 10)
45
50
µA
V
R
Fixed Frequency Output Ripple
40mA
≤ I
OUT
≤ 250mA
8
mV
V
R–PFM
PFM–Mode Output Ripple
I
OUT < 40mA
12
mV
I
SD
Shutdown Current
V(EN) = 0V
0.1
0.5
µA
F
SW
Switching Frequency
3.2V
≤ V
IN
≤ 5.5V
0.80
1.1
1.40
MHz
R
OL
Open–Loop Output Resistance
I
OUT = 200mA
(Note 11)
1.0
Ω
I
CL
Output Current Limit
V
IN = 5.5V
0V
≤ V
OUT
≤ 0.2V
(Note 12)
500
mA
t
ON
Turn-on Time
150
µs
V
IL
Logic-low Input Voltage
3.0V
≤ V
IN
≤ 5.5V
0
0.5
V
V
IH
Logic-high Input Voltage
3.0V
≤ V
IN
≤ 5.5V
0.95
V
IN
V
I
IH
Logic-high Input Current
V(EN) = 1.8V
(Note 13)
5µA
I
IL
Logic-low Input Current
Logic Input = 0V
0.1
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pins.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150
oC (typ.) and disengages at
TJ=140
oC (typ.).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com