Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2CD40120B Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # F2CD40120B
Description  1200V Silicon Carbide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

F2CD40120B Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  F2CD40120B Datasheet HTML 1Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 2Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 3Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 4Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2022.05.25
Revision No : 0
2/5
F2CD40120B
Electrical Characteristics (Per Leg)
TC = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VF
Forward Voltage
IF = 20A, TC = 25◦C IF
= 20A, TC = 175◦C
--
1.45
2.0
1.75
2.4
V
IR
Reverse Current
VR = 1200V TC = 25◦C VR
= 1200V TC = 175◦C
--
10
50
200
-
uA
QC
Total Capacitive Charge
VR = 800V
--
119
--
nC
C
Total Capacitance
VR = 1V, TJ = 25◦C, f = 1MHz
VR = 800V, TJ = 25◦C, f = 1MHz
--
1204
88
--
pF
Thermal Characteristics
TC = 25°C unless otherwise noted
Symbol
Parameter
Min
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.65 /
0.33
0.78 /
0.39
℃/W
* Per Leg / Per Device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com