Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2CD40120B Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # F2CD40120B
Description  1200V Silicon Carbide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

F2CD40120B Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  F2CD40120B Datasheet HTML 1Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 2Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 3Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 4Page - First Silicon Co., Ltd F2CD40120B Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S E M I C O N D U C TO R
TECHNICAL DATA
F2CD40120B
2022.05.25
Revision No : 0
1/5
F2CD40120B
1200V Silicon Carbide Diode
Features
- 1200-Volt Schottky Rectifier
- Shorter recovery time
- High-speed switching possible
- High-Frequency Operation
- Temperature-Independent Switching Behavior
- Extremely Fast Switching
- Positive Temperature Coefficient on VF
- RoHS Compliant
Package Outline
* Per Leg / Per Device
Absolute Maximum Ratings
T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Repetitive Peak Reverse Voltage
1200
V
VRSM
Surge Peak Reverse Voltage
1200
V
VDC
DC Blocking Voltage
1200
V
IF
Continuous Forward Current
TC
= 25˚C
TC
= 150˚C
53 / 106
20 / 40
A
IFRM
Repetitive Peak Forward Current
TC
= 110˚C
124 / 248
A
IFSM
Non-Repetitive Forward Surge Current TC
= 25˚C
(PW=10ms sinusoidal)
TC
= 110˚C
160 / 320
128 / 256
A
PD
Power Dissipation
TC
= 25˚C
230 / 460
W
TJ, Tstg
Operating Junction and Storage Temperature
-55 to +175
℃
Applications
- Switch Mode Power Supplies
- Power Factor Correction
- Motor Drives
- Uninterruptible Power Supply
- Solar Inverter
- EV Charger


Similar Part No. - F2CD40120B

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
F2CD10170P FS-F2CD10170P Datasheet
598Kb / 5P
1700V Silicon Carbide
2022.05.25 Revision No : 0
More results

Similar Description - F2CD40120B

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11801 SOLITRON-SD11801 Datasheet
110Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H20120V1 MAPLESMI-MS2H20120V1 Datasheet
314Kb / 4P
1200V Silicon Carbide Diode
MS2H40120V1 MAPLESMI-MS2H40120V1 Datasheet
245Kb / 4P
1200V Silicon Carbide Diode
MSD02120V1 MAPLESMI-MSD02120V1 Datasheet
396Kb / 4P
1200V Silicon Carbide Diode
MSD05120V1 MAPLESMI-MSD05120V1 Datasheet
390Kb / 4P
1200V Silicon Carbide Diode
MSF10120V1 MAPLESMI-MSF10120V1 Datasheet
265Kb / 4P
1200V Silicon Carbide Diode
MSH20120V1 MAPLESMI-MSH20120V1 Datasheet
215Kb / 3P
1200V Silicon Carbide Diode
MSP02120V1 MAPLESMI-MSP02120V1 Datasheet
342Kb / 4P
1200V Silicon Carbide Diode
MSP05120V1 MAPLESMI-MSP05120V1 Datasheet
336Kb / 4P
1200V Silicon Carbide Diode
MSP10120V1 MAPLESMI-MSP10120V1 Datasheet
302Kb / 4P
1200V Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com