Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6922 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F6922
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F6922 Datasheet HTML 8Page - Renesas Technology Corp F6922 Datasheet HTML 9Page - Renesas Technology Corp F6922 Datasheet HTML 10Page - Renesas Technology Corp F6922 Datasheet HTML 11Page - Renesas Technology Corp F6922 Datasheet HTML 12Page - Renesas Technology Corp F6922 Datasheet HTML 13Page - Renesas Technology Corp F6922 Datasheet HTML 14Page - Renesas Technology Corp F6922 Datasheet HTML 15Page - Renesas Technology Corp F6922 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
F6922 Datasheet
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 13
6.
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website (see Ordering Information for POD links). The package information is the most current data available
and is subject to change without revision of this document.
7.
Marking Diagram
 Lines 1 and 2: Renesas part number
 Line 3:
● # is the device step.
● YW is the last digit of the year and workweek code.
● **$ is the lot sequential code and mark location code.
Note: Top view (ball side down)
8.
Ordering Information
Part Number
Package
MSL Rating
Carrier Type
Temp. Range
F6922AVRI
2.7
× 2.7 × 0.9 mm 23-BGA
3
Tray
-40°C to +85°C
F6922AVRI8
2.7
× 2.7 × 0.9 mm 23-BGA
3
Reel
-40°C to +85°C
F6922EVB
F6922 Evaluation Board
9.
Revision History
Revision
Date
Description
1.0
Jun 25, 2021
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com