Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6923AVRI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F6923AVRI
Description  Dual-Channel Low Noise Amplifier 14GHz – 17GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6923AVRI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F6923AVRI Datasheet HTML 2Page - Renesas Technology Corp F6923AVRI Datasheet HTML 3Page - Renesas Technology Corp F6923AVRI Datasheet HTML 4Page - Renesas Technology Corp F6923AVRI Datasheet HTML 5Page - Renesas Technology Corp F6923AVRI Datasheet HTML 6Page - Renesas Technology Corp F6923AVRI Datasheet HTML 7Page - Renesas Technology Corp F6923AVRI Datasheet HTML 8Page - Renesas Technology Corp F6923AVRI Datasheet HTML 9Page - Renesas Technology Corp F6923AVRI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
F6923 Datasheet
R35DS0012EU0100
Rev.1.0
Jul 6, 2021
Page 6
3.
Typical Application Circuits
Figure 3 shows two typical application circuits for biasing the F6923.
The top circuit uses a voltage source Vref to supply the bias reference current IREF through an external resistor
Rref. Vref should be set to achieve the recommended IREF bias currents per the indicated formula. For the
typical relationship between Viref and IREF, see Figure 13.
The bottom circuit uses the programmable IDAC of the Renesas F61xx beamforming device to provide the
reference current directly to the F6923.
Figure 3. Typical Application Circuits
CH1
CH2
VDD2
VDD1
F6923
VDD
VDD
Vref
IREF
Rref
Viref
CH1
CH2
VDD2
VDD1
IREF
F6923
VDD
VDD
F61xx
IB
Bias
Gen
IDAC
Iref
��������������������������������=��������������������������������∗��������������������������������+����������������������������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com