Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6923AVRI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F6923AVRI
Description  Dual-Channel Low Noise Amplifier 14GHz – 17GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6923AVRI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F6923AVRI Datasheet HTML 7Page - Renesas Technology Corp F6923AVRI Datasheet HTML 8Page - Renesas Technology Corp F6923AVRI Datasheet HTML 9Page - Renesas Technology Corp F6923AVRI Datasheet HTML 10Page - Renesas Technology Corp F6923AVRI Datasheet HTML 11Page - Renesas Technology Corp F6923AVRI Datasheet HTML 12Page - Renesas Technology Corp F6923AVRI Datasheet HTML 13Page - Renesas Technology Corp F6923AVRI Datasheet HTML 14Page - Renesas Technology Corp F6923AVRI Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
F6923 Datasheet
R35DS0012EU0100
Rev.1.0
Jul 6, 2021
Page 12
6.
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website (see Ordering Information for POD links). The package information is the most current data available
and is subject to change without revision of this document.
7.
Marking Diagram
■
Lines 1 and 2: Renesas part number
■
Line 3:
● “#” is the device step
● “YW” is the last digit of the year and workweek code
● “**” is the lot sequential code
● “$” is the mark location code
8.
Ordering Information
Part Number
Package
MSL Rating
Carrier Type
Temperature Range
F6923AVRI
2.7
× 2.7 × 0.9 mm 23-BGA
3
Tray
-40°C to +85°C
F6923AVRI8
2.7
× 2.7 × 0.9 mm 23-BGA
3
Reel
-40°C to +85°C
F6923EVB
F6923 Evaluation Board
9.
Revision History
Revision
Date
Description
1.0
Jul 6, 2021
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com