Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1701 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1701
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1701 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1701 Datasheet HTML 1Page - Renesas Technology Corp F1701 Datasheet HTML 2Page - Renesas Technology Corp F1701 Datasheet HTML 3Page - Renesas Technology Corp F1701 Datasheet HTML 4Page - Renesas Technology Corp F1701 Datasheet HTML 5Page - Renesas Technology Corp F1701 Datasheet HTML 6Page - Renesas Technology Corp F1701 Datasheet HTML 7Page - Renesas Technology Corp F1701 Datasheet HTML 8Page - Renesas Technology Corp F1701 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
1
Rev1 December 2013
IDTF1751NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1751 Zero-DistortionTM Midband RF to IF Single
Downconverting Mixer. This device is part of a series of
mixers using lowside or highside LO injection options for
all UTRA frequency bands. See the Part# Matrix for the
detail of all devices in this series.
The F1751 single channel device is designed to operate
with a single 5V supply. It is optimized for operation in
a Multi-mode, Multi-carrier BaseStation Receiver over
the frequency range from 1400MHz to 2500MHz using
either lowside or highside LO. IF frequencies from
50MHz to 500MHz are supported. Nominally, the
device offers +43dBm Output IP3 using HS LO or
+37.5dBm using LS LO with 190mA of ICC.
COMPETITIVE ADVANTAGE
In typical basestation receivers, the RF to IF mixer
dominates the linearity performance for the entire
receive system. The Zero-DistortionTM family of mixers
dramatically improve the maximum signal levels (IM3
tones) that the BTS can withstand at a desired Signal to
Noise Ratio (SNR.) Zero-DistortionTM technology allows
realization of either benefit. In basestation transmitters,
digital pre-distortion (DPD) is employed to improve the
Transmitter performance. By utilizing an ultra-linear
mixer in the DPD RX path, such as the IDTF1751, the
ACLR and/or power consumption of the full Tx system
can be improved significantly. This is because the F1751
can directly drive an ADC through an Anti-Alias filter.
Downstream amplification is not necessary in the DPD
application.
IP3O:  9 dB
Dissipation:
 10%
Allows for higher RF gain
improving Sensitivity
Eliminates the need for an
ADC driver or IF VGA in DPD
linearization path
PART# MATRIX
Part#
RF Range
UTRA bands
IF freq
range
Typ.
Gain
Injection
F
F1
17
70
01
1
6
60
00
0 -- 1
10
06
60
0
5
5,,6
6,,8
8,,1
12
2,,1
13
3,,1
14
4,,1
17
7,,1
1
8
8,,1
19
9,,2
20
0,, 2
26
6
7
70
0 -- 3
30
00
0
1
11
1..8
8
B
Bo
otth
h
F
F1
17
75
51
1
1
14
40
00
0 -- 2
25
50
00
0
1
1,,2
2,,3
3,,4
4,,9
9,,1
10
0,,1
11
1,,
2
21
1,,2
23
3,,2
24
4,,2
25
5,,3
33
3,,3
34
4,,
3
35
5,,3
36
6,,3
37
7,,3
39
9,, 4
40
0
5
50
0 -- 5
50
00
0
1
11
1..8
8
B
Bo
otth
h
F
F1
17
76
63
3
2
20
00
00
0 -- 2
29
90
00
0
7
7,,3
38
8,,4
40
0,,4
41
1
5
50
0 -- 5
50
00
0
1
11
1..7
7
B
Bo
otth
h
FEATURES
Ideal for Multi-Carrier Systems
Lowside or Highside LO
11.8dB Gain
Ultra linear +43dBm IP3O using HS LO or
+37.5 dBm IP3O using LS LO
9.7dB NF
200 Ω output impedance
Wide flat-performance IF BW
Drives ADC directly for DPD applications
Low Power Consumption
5x5 20 pin package
Standby Mode
DEVICE BLOCK DIAGRAM
IFOUT
LO
ISET
Bias
Control
STBY
RF
VCC
ORDERING INFORMATION
IDTF1751NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - F1701

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1701 IDT-F1701 Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
RevO December 2013
More results

Similar Description - F1701

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1209F TOSHIBA-TA1209F Datasheet
796Kb / 25P
FOR LCD TVS, SEPARATE CARRIER PIF AND SIF SYSTEMS
logo
Sanyo Semicon Device
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
For Car Audio Systems Multi-Power Supply IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
Multi-Power Supply IC for Car Audio Systems
August, 2013
logo
Kingbright Corporation
APED3528VBC-D KINGBRIGHT-APED3528VBC-D Datasheet
237Kb / 5P
Ideal for backlighting
logo
List of Unclassifed Man...
SDSQQNR-064G-GN6IA ETC1-SDSQQNR-064G-GN6IA Datasheet
864Kb / 3P
Ideal for dash cams and home monitoring systems
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
Ideal for dashcams, security cameras, and surveillance systems
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
IDTF1763NBGI8 RENESAS-IDTF1763NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
RevO December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com