Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1701 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1701
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1701 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1701 Datasheet HTML 17Page - Renesas Technology Corp F1701 Datasheet HTML 18Page - Renesas Technology Corp F1701 Datasheet HTML 19Page - Renesas Technology Corp F1701 Datasheet HTML 20Page - Renesas Technology Corp F1701 Datasheet HTML 21Page - Renesas Technology Corp F1701 Datasheet HTML 22Page - Renesas Technology Corp F1701 Datasheet HTML 23Page - Renesas Technology Corp F1701 Datasheet HTML 24Page - Renesas Technology Corp F1701 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
24
Rev1 December 2013
IDTF1751NBGI
Datasheet
EVKIT BOM
F1751
Item # Value
Size/Rev Desc
Mfr. Part #
Mfr.
Supplier Part #
Supplier
Part Reference
Qty
1
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D MURATA
490-1313-1-ND
Digikey
C2,3,7,9,12
5
2
10uF
0603
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47D MURATA
490-3896-1-ND
Digikey
C4
1
3
39pF
0402
CAP CER 39PF 50V 5% C0G 0402
GRM1555C1H390JZ010
MURATA
490-1286-1-ND
Digikey
C8,10
2
4
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
P0.0JCT-ND
Digikey
R2,3,4,5,6,7,10,
11,14,L5,C1,C5
12
5
1K
0402
RES 1K OHM 1/10 1% 0402 SMD
ERJ-2RKF1001X
Panasonic
P1.00KLCT-ND
Digikey
R9
1
6
8.66K
0402
RES 8.66K OHM 1/10 1% 0402 SMD
ERJ-2RKF8661X
Panasonic
P8.66KLCT-ND
Digikey
R13
1
7
47K
0402
RES 47.0K OHM 1/16W 1% 0402 SMD
RC0402FR-0747KL
Yageo
311-47.0KLRCT-ND Digikey
R8
1
8
22nH
0402
0402 Inductor 22nH LQW series
LQW15AN22NJ00D
MURATA
490-1150-1-ND
Digikey
L1,4
2
9
820nH
0805
0805CS (2012) Ceramic Chip Inductor
0805CS-821XJLB
COILCRAFT
0805CS-821XJLB
COILCRAFT
L2,3
2
10
Header_2Pin
TH_2
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
3M9447-ND
Digikey
JP1,2
2
11
SMA_END_LAUNCH
.062
CONN SMA JACK END LAUNCH PCB (Big)
142-0701-851
Emerson Johnson
530-142-0701-851
Mouser
J5,6
2
12
SMA_END_LAUNCH
.062
CONN SMA JACK END LAUNCH PCB (Small) 142-0711-821
Emerson Johnson
530-142-0711-821
Mouser
J2,3
2
13
4:1 Balun
SM-22
4:1 Center Tap Balun 50 OHM 3 TO 800Mhz
TC4-6TG2+
Mini Circuits
TC4-6TG2+
Mini Circuits
T1
1
14
F1751
QFN-24
IF MIXER NBG24
F1751
IDT
F1751-012
U1
1
15
PCB
03
Printed Circuit Board
F1751 EV Kit Rev 03
1
16
BOM
01
Bill Of Material
17
DNP
402
R1,12,15,C6,11,
13,14,15,JP3
Total
36
11/26/2013
TOP MARKINGS
IDTF17
51NBGI
ZD1321A
Q96A012MY
Part Number
Date Code [YYWW]
(Week 21 of 2013)
Lot Code
Die Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com