Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2EUSB30ADRTR Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FPD2EUSB30ADRTR
Description  2-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FPD2EUSB30ADRTR Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FPD2EUSB30ADRTR Datasheet HTML 1Page - First Silicon Co., Ltd FPD2EUSB30ADRTR Datasheet HTML 2Page - First Silicon Co., Ltd FPD2EUSB30ADRTR Datasheet HTML 3Page - First Silicon Co., Ltd FPD2EUSB30ADRTR Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S E M IC O NDUC TO R
TECHNICAL DATA
FPD2EUSB30ADRTR
2022. 06. 24
Revision No : 0
1/4
Dimensions and Pin Configuration
•
ROHS Compliant
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
Applications
•
Notebooks
•
Set-top
boxes
•
DVD Player
•
Media Player
•
Portabl
e Computer
Features
•
Supports USB 3.0
data rate(5GPS)
•
Ultra low Capacitance: 0.4pF typical
I/O to GND
•
Ultra low Leakage
: nA level
•
Low operating
voltage: 5.5V
•
Bi-directional TVS Diode Array
•
Low clamping
voltage
•
Complies with following standards:
–
IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
–
IEC 61000-4-5 Surge 3.3 A (8/20us)
–
IEC61000-4-4 (EFT) 40A (5/50ns)
•
Package: SOT-9x3
•
Lead Finis
h: Matte Tin
•
Case Material
: “Green” Molding Compound.
•
Moisture Sensiti
vity: Level 3 per J-STD-020
•
Terminal Connection: See Diagram Below
•
Shipping Qty
: 8000pcs/7Inch Tape & Reel
Mechanical Characteristics


Similar Part No. - FPD2EUSB30ADRTR

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
More results

Similar Description - FPD2EUSB30ADRTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
ESD protection for high speed interface
15-Nov-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
logo
First Silicon Co., Ltd
FPD1E10B09DPYR FS-FPD1E10B09DPYR Datasheet
680Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com