Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW100N03AS-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW100N03AS-R
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW100N03AS-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW100N03AS-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.yfwdiode.com
30V N-CHANNEL ENHANCEMENT MODE
MAIN CHARACTERISTICS
ID
VDSS
RDSON-typ(@VGS=10V)
<5.5m
Application
Battery protection
Load switch
Uninterruptible power supply
Product Specification Classification
Part Number
YFW100N03AT
YFW100N03AF
YFW100N03AS-R
Maximum Ratings at Tc=25°C unless otherwise specified
Characteristics
Drain-Source Voltage
Gate - Source Voltage
Continuous Drain Current, VGS @ 10V @TC=25℃
Continuous Drain Current, VGS @ 10V @TC=100℃
Pulsed Drain Current
note1
Single Pulsed Avalanche Energy
note2
Total Power Dissipation
4 @T
C=25℃
Thermal Resistance Junction-ambient (Steady State)
Thermal Resistance Junction-Ambient 1 (t ≤10s)
Thermal Resistance, Junction to Case
Operating Junction Temperature Range
YFW
1 / 6
GuangDong
CHANNEL ENHANCEMENT MODE MOSFET
100A
30V
mΩ(Type:4.5 mΩ)
Product Specification Classification
Package
Marking
TO-220AB
YFW 100N03AT XXXXX
TO-220F
YFW 100N03AF XXXXX
TO-263
YFW 100N03AS XXXXX
=25°C unless otherwise specified
Symbols
Value
VDS
30
VGS
±20
ID
100
℃
ID
46
IDM
300
EAS
56
PD
68
ambient (Steady State)
1
RθJA
62
RθJA
25
RθJC
2.2
TJ ,TSTG
-55 to +
TO-220AB
TO
YFW100N03AT/AF/AS
GuangDong YFW Electronics Co, Ltd.
Pack
YFW 100N03AT XXXXX
1000PCS/Tape
YFW 100N03AF XXXXX
1000PCS/Tape
XXXXX
800PCS/Tube
Value
Units
V
20
V
100
A
A
300
A
mJ
W
°C/W
°C/W
2.2
°C/W
55 to +175
°C
220AB
TO-220F
TO-263
Rev:2021Y1


Similar Part No. - YFW100N03AS-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW100N03AD YFWDIODE-YFW100N03AD Datasheet
1Mb / 5P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AD YFWDIODE-YFW100N03AD Datasheet
1Mb / 5P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AD YFWDIODE-YFW100N03AD_V01 Datasheet
1Mb / 5P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AMJ YFWDIODE-YFW100N03AMJ Datasheet
2Mb / 6P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

Similar Description - YFW100N03AS-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com