Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW100N03AS-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW100N03AS-R
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW100N03AS-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW100N03AS-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW100N03AS-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
YFW100N03AT/AF/AS
2 / 6
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
Maximum Ratings at Tc=25°C unless otherwise specified
Characteristics
Test Condition
Symbols
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
V(BR)DSS
30
32
-
V
BVDSS Temperature Coefficient
Reference to 25℃, ID=1mA
△BVDSS/△TJ
-
0.028
-
V/°C
Gate -Threshold Voltage
VDS=VGS, ID=250uA
VGS(th)
1.2
1.6
2.5
V
Static Drain-Source on-Resistance
note3
VGS=10V, ID=30A
RDS(ON)
-
4.5
5.5
mΩ
VGS=4.5V, ID=20A
-
8.0
9.5
Zero Gate Voltage Drain Current
VDS=30V , VGS=0V
IDSS
-
-
1.0
μA
Gate to Body Leakage Current
VGS=±20V, VDS=0V
IGSS
-
-
±100
nA
Input Capacitance
VDS=15V
VGS=0V
f=1.0MHz
Ciss
-
1614
-
PF
Output Capacitance
Coss
-
245
-
Reverse Transfer Capacitance
Crss
-
215
-
Total Gate Charge
VDS=15V
ID=30A
VGS=10V
Qg
-
33.7
-
nC
Gate-Source Charge
Qgs
-
8.5
-
Gate-Drain(“Miller”) Charge
Qgd
-
7.5
-
Turn-on delay time
VDS=15V
ID=30A
RGEN=3Ω
VGS=10V
td(on)
-
7.5
-
ns
Turn-on Rise Time
Tr
-
14.5
-
Turn-Off Delay Time
td(OFF)
-
35.2
-
Turn-Off Fall Time
tf
-
9.6
-
Maximum Continuous Drain to Source Diode Forward Current
IS
-
-
70
A
Maximum Pulsed Drain to Source Diode Forward Current
ISM
-
-
280
A
Drain to Source Diode Forward Voltage
VGS=0V , IS=30A
VSD
-
-
1.2
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us duty cycle ≦ 2%, duty cycle ition is VDD=24VGS=10V,L=0.1mH,IAS=15A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Rev:2021Y1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com