Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSU285 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSU285
Description  Silicon Schottky Barrier Diode for High frequency detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSU285 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSU285 Datasheet HTML 1Page - Renesas Technology Corp HSU285 Datasheet HTML 2Page - Renesas Technology Corp HSU285 Datasheet HTML 3Page - Renesas Technology Corp HSU285 Datasheet HTML 4Page - Renesas Technology Corp HSU285 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.1.00, Apr.16.2003, page 1 of 5
HSU285
Silicon Schottky Barrier Diode for High frequency detection
REJ03G0009-0100Z
Rev.1.00
Apr.16.2003
Features
• Low forward voltage, Low capacitance and High detection sensitivity.
• Ultra small Resin Package (URP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HSU285
S6
URP
Pin Arrangement
Cathode mark
Mark
12
S6
1. Cathode
2. Anode


Similar Part No. - HSU285

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HSU200 TOTAL-POWER-HSU200 Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
logo
HITRON ELECTRONICS CORP...
HSU200 HITRON-HSU200 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-32 HITRON-HSU200-32 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-33 HITRON-HSU200-33 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
HSU200-40 TOTAL-POWER-HSU200-40 Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
More results

Similar Description - HSU285

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB0104YP HITACHI-HSB0104YP Datasheet
27Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
logo
KEC(Korea Electronics)
KDR701S KEC-KDR701S Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(FOR HIGH FREQUENCY RECTIFICATION)
logo
Renesas Technology Corp
HSU226 RENESAS-HSU226 Datasheet
44Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSB285S RENESAS-HSB285S Datasheet
48Kb / 5P
SILICON SCHOTTKY BARRIER DIODE FOR HIGH FREQUENCY DETECTION
HSC285 RENESAS-HSC285 Datasheet
46Kb / 5P
SILICON SCHOTTKY BARRIER DIODE FOR HIGH FREQUENCY DETECTION
logo
Toshiba Semiconductor
JDH3D01FV TOSHIBA-JDH3D01FV Datasheet
180Kb / 5P
Diode Silicon Epitaxial Schottky Barrier Type For wave detection
JDH3D01S TOSHIBA-JDH3D01S Datasheet
168Kb / 4P
Diode Silicon Epitaxial Schottky Barrier Type For wave detection
logo
Hitachi Semiconductor
HRW26 HITACHI-HRW26 Datasheet
20Kb / 2P
Silicon Schottky Barrier Diode for High Frequency Rectifying
logo
Renesas Technology Corp
RKD702KL RENESAS-RKD702KL Datasheet
66Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
logo
Leshan Radio Company
LRB551V-30T1G LRC-LRB551V-30T1G_11 Datasheet
62Kb / 3P
Schottky barrier diode High-frequency rectification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com