Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2201 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT2201
Description  CMOS 1K 2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2201 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT2201 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HT2201
Rev. 1.20
5
January 6, 2006
· Current address read
The internal data word address counter maintains the
last address accessed during the last read or write op-
eration, incremented by one. This address stays valid
between operations as long as the chip power is main-
tained. The address roll over during read from the last
byte of the last memory page to the first byte of the first
page. The address roll over during write from the last
byte of the current page to the first byte of the same
page. Once the device address with the read/write se-
lect bit set to one is clocked in and acknowledged by
the EEPROM, the current address data word is seri-
ally clocked out. The microcontroller should respond a
No ACK (High) signal and following stop condition (re-
fer to Current read timing).
· Random read
A random read requires a dummy byte write sequence
to load in the data word address which is then clocked
in and acknowledged by the EEPROM. The
microcontroller must then generate another start con-
dition. The microcontroller now initiates a current ad-
dress read by sending a device address with the
read/write select bit high. The EEPROM acknowl-
edges the device address and serially clocks out the
data word. The microcontroller should respond with a
²no ACK² signal (high) followed by a stop condition.
(refer to Random read timing).
· Sequential read
Sequential reads are initiated by either a current ad-
dress read or a random address read. After the
microcontroller receives a data word, it responds with an
acknowledgment. As long as the EEPROM receives an
acknowledgment, it will continue to increment the data
word address and serially clock out sequential data
words. When the memory address limit is reached, the
data word address will roll over and the sequential read
continues. The sequential read operation is terminated
when the microcontroller responds with a
²no ACK² sig-
nal (high) followed by a stop condition.
R / W
S
P
D e v i c e a d d r e s s
W o r d a d d r e s s
D A T A
A C K
S t o p
S t a r t
S D A
A C K
A C K
Byte Write Timing
S
P
D e v i c e a d d r e s s
D A T A
A C K
S t o p
S t a r t
S D A
N o A C K
Current Read Timing
P
D e v i c e a d d r e s s
W o r d a d d r e s s
A C K
S t o p
S t a r t
S D A
A C K
N o A C K
S
A C K
D A T A
S
D e v i c e a d d r e s s
S t a r t
Random Read Timing
P
D e v i c e a d d r e s s
D A T A n
S t o p
S t a r t
S D A
A C K
S
A C K
D A T A n + 1
D A T A n + x
N o A C K
Sequential Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com