Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2201 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT2201
Description  CMOS 1K 2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2201 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT2201 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT2201
CMOS 1K 2-Wire Serial EEPROM
Block Diagram
Pin Assignment
Pin Description
Pin Name
I/O
Description
SDA
I/O
Serial data inputs/output
SCL
I
Serial clock data input
VSS
¾
Negative power supply, ground
VCC
¾
Positive power supply
Rev. 1.20
1
January 6, 2006
Features
· Operating voltage: 2.2V~5.5V
· Low power consumption
- Operation: 5mA max.
- Standby: 4mA max.
· Internal organization: 128´8
· 2-wire serial interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Write operation with built-in timer
· 40-year data retention
· 106 erase/write cycles per word
· Industrial temperature range (-40°Cto+85°C)
· 4-pin SIP, SOT-25 package
General Description
The HT2201 is a 1K-bit serial read/write non-volatile
memory device using the CMOS floating gate process.
Its 1024 bits of memory are organized into 128 words
and each word is 8 bits. The device is optimized for use
in many industrial and commercial applications where
low power and low voltage operation are essential. The
HT2201 is guaranteed for 1 million erase/write cycles
and 40-year data retention.
1
2
3
4
1
2
3
4
5
H T 2 2 0 1
4 S I P - A
H T 2 2 0 1
S O T - 2 5 - A
I / O
C o n t r o l
L o g i c
M e m o r y
C o n t r o l
L o g i c
S C L
S D A
A d d r e s s
C o u n t e r
V C C
V S S
X
D
E
C
E E P R O M
A r r a y
P a g e B u f
Y D E C
S e n s e A M P
R / W C o n t r o l
H V P u m p


Similar Part No. - HT2201

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT2201L HYES-HT2201L Datasheet
682Kb / 24P
LCD MODULE (176 횞 RGB 횞 220 Dots)
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results

Similar Description - HT2201

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
1K 3-Wire CMOS Serial EEPROM
6th May 99
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
1K BIT SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
March 14, 2007
HT93LC46 HOLTEK-HT93LC46_09 Datasheet
105Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
July 9, 2009
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_14 Datasheet
2Mb / 11P
CMOS 1K 3-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com