Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF30P02 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF30P02
Description  P -CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF30P02 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF30P02 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF30P02 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF30P02 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF30P02 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF30P02 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
●Thermal resistance
Parameter
Symbol
Min.
Typ.
Max.
Unit
Thermal resistance, junction - case
②
RthJC
-
-
4.5
°C/W
Thermal resistance, junction - ambient
RthJA
-
-
62.5
°C/W
Soldering temperature, wave soldering for 10s
Tsold
-
-
265
°C
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Drain-Source Breakdown
Voltage
BVDSS
VGS =0V,ID =-250uA
-20
V
Gate Threshold Voltage
VGS(TH)
VGS =V DS, ID =-250uA
-0.45
-0.70
-1.00
V
Drain-Source Leakage Current
IDSS
VDS=-20V, VGS =0V
-1.0
uA
Gate- Source Leakage Current
IGSS
VGS=±12V ,VDS =0V
±100
nA
Static Drain-source On
Resistance
RDS(ON)
VGS=-4.5V, ID=-15A
12.0
15.0
mΩ
VGS=-2.5V, ID=-10A
16.0
20.0
mΩ
Forward Transconductance
gFS
VDS =-10V, ID=-10A
10
s
Source-drain voltage
VSD
Is=-10A
0.88
1.28
V
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Input capacitance
Ciss
VGS=0V, VDS=-10V
f = 1MHz
-
1545
-
pF
Output capacitance
Coss
-
168.7
-
Reverse transfer capacitance
Crss
-
148.1
-
●Gate Charge characteristics(Ta = 25
℃)
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Total gate charge
Qg
VDD =-10V
ID = -10A
VGS = -4.5V
-
24.5
-
nC
Gate - Source charge
Qgs
-
3.69
-
Gate - Drain charge
Qgd
-
4.58
-
Note:
① Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2% ;
② Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom
layer 1inch square copper plate;
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
P -CHANNEL ENHANCEMENT MODE POWER MOSFET
2
www.sztuofeng.com
Feb 2022 V1.0
TF30P02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com