Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16ZLH470MEFC8X11.5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 16ZLH470MEFC8X11.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

16ZLH470MEFC8X11.5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 16ZLH470MEFC8X11.5 Datasheet HTML 4Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 5Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 6Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 7Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 8Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 9Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 10Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 11Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
User Manual
8 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-CM615PN main features
Parameters
Values
Conditions / comments
System environment
Ambient temperature
From 0-50°C
Non-condensing, maximum RH of 95 %
Figure 2 points out the functional groups on the top side of the Eval-M3-CM615PN evaluation board.
Figure 2
Functional groups of the Eval-M3-CM615PN evaluation board’s top side
Figure 3 points out the functional groups on the bottom side of the Eval-M3-CM615PN evaluation board.
2
1
8
7
9
1. J1 - AC Input connector
2. Relay, NTC and Fuse
3. PFC gate drive and PFC overcurrent
protection circuits
4. J3 - 30 pin iMOTION™ MADK-M3 interface
connector for controller board
5. Current sensing shunt resistor RS2
6. PFC Current sensing resistor RS1
7. EMI filter
8. Auxiliary power supply
9. J4 - Motor phase connector
10. J2 – PFC inductor connector
3
4
5
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com