Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16ZLH470MEFC8X11.5 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 16ZLH470MEFC8X11.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

16ZLH470MEFC8X11.5 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 16ZLH470MEFC8X11.5 Datasheet HTML 17Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 18Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 19Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 20Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 21Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 22Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 23Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 24Page - Infineon Technologies AG 16ZLH470MEFC8X11.5 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
User Manual
21 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
Figure 17 The PFCTRIPREF Circuit on the EVAL-M3-102T evaluation board
The PFC’s overcurrent protection circuit on the control board EVAL-M3-102T is shown in Figure 15 and Figure
17. The IPFCTRIP_Peak equal to 6.88A for the combination between EVAL-M3-102T and EVAL-M3-CM615PN only.
The calculation formula is as follows,
=( ∗ − ∗ )
( + )∗ ∗
If larger PFC current protection setting value needed, please use smaller resistance of PFC shunt resistor RS1, or
modify the control board EVAL-M3-102T following the previous formula. Please refer to the control board’s user
manual for more details.
5.2
Inverter section using CIPOS™ mini IPM
The inverter section is also implemented using the CIPOS™ mini IPM as sketched in Figure 18. The inverter
section of IPM module includes an optimized SOI gate driver and a three-phase inverter consisting of
TRENCHSTOP™ IGBTs and anti parallel diodes.
The three pairs of capacitors C11 and C12, C13 and C14, C15 and C16 are used as bootstrap capacitors to
provide the necessary floating supply voltages VBS1, VBS2 and VBS3 respectively.
3.3V
PFCTRIPREF
IPFC0
iMOTION
Controller
12
IPFC
PFCTRIPREF
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com