Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO58 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 24Page - Infineon Technologies AG RO58 Datasheet HTML 25Page - Infineon Technologies AG RO58 Datasheet HTML 26Page - Infineon Technologies AG RO58 Datasheet HTML 27Page - Infineon Technologies AG RO58 Datasheet HTML 28Page - Infineon Technologies AG RO58 Datasheet HTML 29Page - Infineon Technologies AG RO58 Datasheet HTML 30Page - Infineon Technologies AG RO58 Datasheet HTML 31Page - Infineon Technologies AG RO58 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
User Manual
28 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
If the setting temperature is 100°C, the shutdown value should be 2.75V. If the setting temperature is 85°C, the
shutdown value should be 2.87V.
Figure 28 External temperature sense input configuration in MCEWizard
5.4
Auxiliary power supply
Figure 29 depicts the schematic of the auxiliary power supply for the Eval-M3-CM615PN board. The circuit
includes a LNK306 that is used to generate 15 V directly from the DC bus. VCC is connected to the gate drivers
inside the CIPOS™ IPM.
Figure 29 Power supply section of the Eval-M3-CM615PN evaluation board
The linear voltage regulator IFX1117ME V33 generates 3.3 V from 15 V power supply VCC. The 3.3 V power supply
is used in the PFC overcurrent comparator circuit and overtemperature hardware protection circuit. Both VCC
and 3.3 V are also present on the 30 pins iMOTION™ MADK-M3 interface connector J3 to power circuitry on the
control board.
5.5
Schematics for EVAL-M3- CM615PN
The PFC setion schematic for EVAL-M3- CM615PN is provided in Figure 30.
L2
2.2mH
D5
US1JDICT
C25
100nF, 25V
DCP
R38
15.8K,1%
R39
2K,1%
D4
US1JDICT
C27
220nF, 25V
C24
10uF, 25V
C26
0.1uF,630V
C28
220uF,35V
FB
2
BP
1
D
4
S
5
S
6
S
7
S
8
U5
LNK306DN
VCC
GND
LED1
LED2
High Voltage
+3.3V
C31
10uF, 25V
C29
10uF, 25V
C30
470uF,16V
Vin
Vout
GND
U6
IFX1117ME V33
TP19
+3.3V
R45
10k
ZD1
R43
100K,1W
R44
100K,1W
R41
200R, 1/2W
R40
200R, 1/2W
DCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com