Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO58 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 9Page - Infineon Technologies AG RO58 Datasheet HTML 10Page - Infineon Technologies AG RO58 Datasheet HTML 11Page - Infineon Technologies AG RO58 Datasheet HTML 12Page - Infineon Technologies AG RO58 Datasheet HTML 13Page - Infineon Technologies AG RO58 Datasheet HTML 14Page - Infineon Technologies AG RO58 Datasheet HTML 15Page - Infineon Technologies AG RO58 Datasheet HTML 16Page - Infineon Technologies AG RO58 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
User Manual
13 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M3-CM615PN
4.2
iMOTION™ development tools and software
The iMOTION™Development Tool installers for MCEDesigner and MCEWizard are available for download via
Infineon iMOTIONTMwebsite (http://www.infineon.com/imotion-software). All the available tools and software
variants are listed there.
On-board debugger uses the SEGGER J-Link’s driver for UART communication with IMC102T-F064. J-Link driver
will be installed during the MCEDesigner installation. In case the driver is not installed properly, please go to
SEGGER J-Link website to download and install the latest J-Link “Software and Documentation pack for
Windows”.
4.2.1
MCEWizard setup overview
After installing the MCEWizard, the shortcut for MCEWizard appears on the Windows desktop. Double click the
shortcut to open the MCEWizard and configure the parameters for evaluation boards or motor. Figure 6 shows
the “Welcome Page” for MCEWizard, where the MADK control board or power board can be selected through
the pull-down list. Infineon keeps releasing new MADK controller and power boards. Therefore, it could happen
that some of the newest power boards are not pre-configured in the MCEWizard tool and cannot be selected
through the pull-down menu. In that case, the user should select any other power board (as similar as possible)
and follow the MCEWizard setup steps by entering the parameter values which are specific to the chosen board.
Make sure both “I have modified the circuit board” and “Enable advanced question” checkmarks are selected.
Please refer to the User Manual of the corresponding power board for additional information.
After selecting the MADK control and the power board, start the MCEWizard system setup procedure by clicking
the “Next” button in the right bottom corner as shown in Figure 6.
Figure 5
Welcome Page of MCEWizard
iMOTION™ MADK system enables users to easily test different combination of control and power board with
their motors. User should be familiar with the system level parameters which are related to the motor used.
There are very limited numbers of parameters which are specific to the control board or power board
hardware. Table 7 provides the MCEWizard setup overview for hardware related parameters. Similar tables will
be available in each control board’s User Manual. Combination of this table and the corresponding table of the
control board provides enough information to setup the MADK-based motor drive system in shortest time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com