Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOM3-320-R-L2 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # ISOM3-320-R-L2
Description  IsoMOV™ Series - Hybrid Protection Component
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ISOM3-320-R-L2 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  ISOM3-320-R-L2 Datasheet HTML 1Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 2Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 3Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 4Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 5Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDDFN5-0504N - TVS/Steering Diode Array
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
IsoMOVSeries - Hybrid Protection Component
IsoMOV™
Packaging Specifications
Conforms to IEC 60286-2:2015.
295
(11.614)
30
(1.18)
265
(10.433)
300
(11.811)
DIA.
92.5
(3.642)
DIA.
61
(2.40)
49
(1.93)
MAX.
DIA.
MAX.
55
(2.165)
REEL
DIMENSIONS:
MM
(INCHES)
TAPE
DIMENSIONS:
MM
(INCHES)
Symbol
Parameter
Dimension
W
Carrier tape width
18+1.0/-0.5
(.709+.039/-.020)
W0 Hold down tape width
5
MIN.
(.197)...........
W1 Sprocket hole position
9+0.75/-0.5
(.354+.030/-.020)
W2
Distance between the
upper edges of the
carrier tape and hold
down tape
3
MAX.
(.118)...........
T
Total tape thickness
1.7
MAX.
(.067)..........
t
Tape thickness
0.9
MAX.
(.035)...........
P
Pitch of component
25.4±1.0
(1.000±.039)
P0 Feed hole pitch
12.7±0.3
(.500±.012)
P1 Feed hole center to
pitch
8.95±0.7
(.352±.028)
R
Lead spacing
7.5±1.0
(.295+.039)
D
P Component alignment
±1.3
MAX.
(±.051)...........
D
h Component alignment
±2.0
MAX.
(±.079)..........
d
Wire diameter
0.8±0.05
(.031±.002)
D0 Feed hole diameter
4±0.2
(.157±.008)
H
Height from tape center
to component base
18+2.0/-0.0
(.709+.079/-.000)
H1 Component height
46.5
MAX.
(1.831).........
P
P
h
h
H
H1
d
W1
W0
D0
W0
W
W2
W2
R
P0
P1
P
t
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com