Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOM3-320-R-L2 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # ISOM3-320-R-L2
Description  IsoMOV™ Series - Hybrid Protection Component
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ISOM3-320-R-L2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ISOM3-320-R-L2 Datasheet HTML 1Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 2Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 3Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 4Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 5Page - Bourns Electronic Solutions ISOM3-320-R-L2 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3312 - 2 mm SMD Trimming Potentiometer
IsoMOVSeries - Hybrid Protection Component
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Applications
ACLineProtection
n
Whitegoods
n
Firealarmsystems
n
Highvalueconsumergoods
n
LEDlighting
n
UL1449SPD
n
Industrialequipment
DCLineProtection
n
Solarinverters
n
Powersupplies
n
Distributionsystems
Typical Part Marking
Environmental Specifications
Storage Temperature Range (TSTG)......................-40 °C to +125 °C
Operating Temperature Range (TOPR).................. -40 °C to +125 °C
Climatic Category (IEC 60068-1).................................... 40 / 125 / 21
Moisture Sensitivity Level................................................................. 1
ESD Classification (HBM)..............................................................N/A
IsoMOV™
Circuit Diagram
How to Order
IsoM 8 - 320 - B - L2
Model Designator
IsoM = IsoMOV™ Hybrid Protection
Component
Component Inom Rating
3 = 3 kA
5 = 5 kA
8 = 8 kA
RMS Voltage
See Electrical Characteristics Table
Packaging
B = Bulk (Standard)
R = Reel Pack*
Lead Style**
L2 = In-Line Leads (Standard)
*Reel Pack option not available for IsoM8 models.
**L1 and L5 lead styles available upon request.
Product Dimensions
IsoM3-xxx-L2
In-Line Leads
Model
IsoM3-xxx-L2
t
MAX.
IsoM3-175
6.1
(.240)
IsoM3-230
6.5
(.256)
IsoM3-250
6.7
(.264)
IsoM3-275
6.9
(.272)
IsoM3-300
7.1
(.280)
IsoM3-320
7.2
(.283)
DIMENSIONS:
MM
(INCHES)
t
MAX.
t
MAX.
a ± 1.0
(a ± .039)
13.2
(.520) MAX.
13.2
(.520) MAX.
15.5
(.610)
MAX.
20.0
(.787)
MIN.
19.0
(.748)
MAX.
20.0
(.787)
MIN.
3.0
(.118)
MAX.
0.8 ± 0.05
(.031 ± .002)
0.8 ± 0.05
(.031 ± .002)
13.2
(.520) MAX.
19.0
(.748)
MAX.
20.0
(.787)
MIN.
t
MAX.
a ± 1.0
(a ± .039)
0.8 ± 0.05
(.031 ± .002)
7.5 ± 1.0
(.295 ± .039)
7.5 ± 1.0
(.295 ± .039)
7.5 ± 1.0
(.295 ± .039)
MANUFACTURER’S
TRADEMARK
UL RECOGNIZED
COMPONENT
MODEL SERIES
PART NUMBER
DATE CODE: YEAR AND WEEK
OF MANUFACTURE
• YEAR (LAST TWO DIGITS)
• WEEK (01 - 52)
EXAMPLE:
2112 = YEAR 2021, WEEK 12
8-320
2112
IsoMOV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com