Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS28L-ABS-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ABS28L-ABS-R
Description  SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ABS28L-ABS-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ABS28L-ABS-R Datasheet HTML 1Page - Unisonic Technologies ABS28L-ABS-R Datasheet HTML 2Page - Unisonic Technologies ABS28L-ABS-R Datasheet HTML 3Page - Unisonic Technologies ABS28L-ABS-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ABS22 THRU ABS210
BRIDGE DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R202-064.B
SINGLE PHASE 2.0A
SURFACE MOUNT GLASS
PASSIVATED BRIDGE
RECTIFIER
DESCRIPTION
The UTC ABS22 THRU ABS210 is a bridge rectifier, it uses
UTC’s advanced technology to provide customers with high
surge current capability and low forward voltage drop, etc.
The UTC ABS22 THRU ABS210 is suitable for surface
mount application.
FEATURES
* Glass passivated die construction
* Low forward voltage drop
* High current capability
* High surge current capability
* Designed for surface mount application
SYMBOL
ABS
-
+
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ABS22L-ABS-R
ABS22G-ABS-R
ABS
Tape Reel
ABS24L-ABS-R
ABS24G-ABS-R
ABS
Tape Reel
ABS26L-ABS-R
ABS26G-ABS-R
ABS
Tape Reel
ABS28L-ABS-R
ABS28G-ABS-R
ABS
Tape Reel
ABS210L-ABS-R
ABS210G-ABS-R
ABS
Tape Reel


Similar Part No. - ABS28L-ABS-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ABS28 JUXING-ABS28 Datasheet
4Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Chip Integration Techno...
ABS28 CITC-ABS28 Datasheet
581Kb / 4P
Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
ABS28 ZSELEC-ABS28 Datasheet
164Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
ABS28 CHENDA-ABS28 Datasheet
457Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
ABS28 SHUNYE-ABS28 Datasheet
364Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - ABS28L-ABS-R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2KBP005M WTE-2KBP005M_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS205 ZSELEC-ABS205 Datasheet
164Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB201S ZSELEC-DB201S Datasheet
73Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG2KB05 SMCDIODE-UG2KB05 Datasheet
377Kb / 5P
Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com