Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-ASML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-ASML
Description  MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-ASML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-ASML Datasheet HTML 1Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 2Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 3Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 4Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 5Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 6Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
Features
■
Surface mount packaging for automated
assembly
■
Tiny footprint size (0402) and low profile for
space-constrained mobile applications
■
Ultra-low resistance, quick response
■
RoHS compliant* and halogen free**
■
Agency recognition:
Applications
■
Thermal protection for wearables, Li-ion &
polymer battery packs
■
PC motherboards – Plug & Play protection
■
Mobile phones – battery & charging
protection
■
USB port protection
■
Game console port protection
Electrical Characteristics
Model
V max.
I max.
Ihold
Itrip
Resistance
Max. Time To Trip
Tripped
Power
Dissipation
Agency Recognition
at 23 °C
at 23 °C Ohms
at 23 °C
Watts at
23 °C
cUL
TÜV
Volts
Amps
Amps
Rmin
R1max
Amps
Seconds
Typ.
E174545
R50391579
MF-ASML010/6
6
50
0.10
0.3
0.15
3.0
0.5
1.0
0.5
✓✓
MF-ASML020/6
6
50
0.20
0.5
0.10
1.6
1.0
1.0
0.5
✓✓
MF-ASML035/6
6
50
0.35
0.7
0.05
0.85
8.0
0.1
0.5
✓✓
MF-ASML050/6
6
50
0.50
1.0
0.04
0.50
8.0
0.1
0.5
✓✓
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +85 °C
Storage
Condition
Before
Opening
+40 °C max. / 70 % RH max.
After
Opening
+40 °C max. / 10 % RH max.
Floor Condition After
Opening
Consumption within 4 weeks at floor
condition +30 °C max. / 60 % RH
max.
Passive Aging
+85 °C, 1000 hours
±10 % typical
resistance change
Humidity Aging
+85 °C, 85 % R.H. 24 hours
±30 % typical
resistance change
Thermal Shock
-40 °C to +85 °C, 20 times
±30 % typical
resistance change
Solvent Resistance
MIL-STD-202, Method 215
No change
(marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less; (b)
the Chlorine (Cl) content is 900 ppm or less; and (c)
the total Bromine (Br) and Chlorine (Cl) content is
1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications. The products described herein and
this document are subject to specific legal disclaimers as
set forth on the last page of this document, and at www.
bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Test Procedures and Requirements
Item
Test Condition
Accept/Reject Criteria
Visual/Mechanical
Verify dimensions and materials
Per MF physical description
Resistance
In still air @ 23 °C
Rmin ≤ R ≤ Rmax
Time to Trip
At specified current, Vmax, 23 °C, still air
T ≤ max. time to trip (seconds)
Hold Current
30 min. at Ihold, still air
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
No arcing or burning
Trip Endurance
Vmax, Imax, 48 hours
No arcing or burning
Solderability
245 °C ±5 °C, 5 seconds
95 % min. coverage


Similar Part No. - MF-ASML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
Low Ohmic PTC Resettable Fuses
MF-ASML035/6 BOURNS-MF-ASML035/6 Datasheet
627Kb / 6P
Low Ohmic PTC Resettable Fuses
MF-ASML050/6 BOURNS-MF-ASML050/6 Datasheet
627Kb / 6P
Low Ohmic PTC Resettable Fuses
More results

Similar Description - MF-ASML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-NSML BOURNS-MF-NSML Datasheet
391Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-USML175 BOURNS-MF-USML175 Datasheet
321Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-USML BOURNS-MF-USML Datasheet
484Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
Low Ohmic PTC Resettable Fuses
MF-PSML-X BOURNS-MF-PSML-X Datasheet
760Kb / 7P
Low Ohmic PTC Resettable Fuses
MF-FSML-X BOURNS-MF-FSML-X Datasheet
688Kb / 8P
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-FSML BOURNS-MF-FSML Datasheet
688Kb / 8P
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-PSML BOURNS-MF-PSML Datasheet
846Kb / 8P
MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
REV. C, 10/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com