Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-ASML Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-ASML
Description  MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-ASML Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-ASML Datasheet HTML 1Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 2Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 3Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 4Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 5Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 6Page - Bourns Electronic Solutions MF-ASML Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
Product Dimensions
Model
Style
AB
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
MF-ASML010/6
1
0.85
(0.033)
1.15
(0.045)
0.35
(0.014)
0.65
(0.026)
0.20
(0.008)
0.60
(0.024)
0.10
(0.004)
0.03
(0.0012)
MF-ASML020/6
2
MF-ASML035/6
2
MF-ASML050/6
2
Bottom View
D
E
A
C
Top View
Side View
B
Bottom View
D
E
A
C
Top View
Side View
B
Style 1
Style 2
Terminal material:
ENIG-plated terminals
Recommended Pad Layout
0.70
(.028)
0.40
(.016)
0.60
(.024)
0.60
(.024)
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-ASML010/6
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.04
MF-ASML020/6
0.32
0.28
0.24
0.20
0.16
0.14
0.12
0.10
0.08
MF-ASML035/6
0.56
0.49
0.42
0.35
0.28
0.24
0.21
0.17
0.14
MF-ASML050/6
0.80
0.70
0.60
0.50
0.40
0.35
0.30
0.25
0.20
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com