Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSHT016KX Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-FSHT016KX
Description  MF-FSHT Series – PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSHT016KX Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-FSHT016KX Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MF-FSHT Series – PTC Resettable Fuses
Features
■
Surface mount packaging for automated assembly
■
0603 footprint size and low profile for space-constrained mobile applications
■
Operating temperature range up to 125 °C
■
Low thermal derating factor
■
Higher hold currents at elevated temperatures
■
RoHS compliant*
■
Agency recognition: cUL and TÜV
Electrical Characteristics
Model
Vmax
Imax
Ihold
Itrip
Resistance
Max. Time To Trip
Tripped
Power
Dissipation
Certifications
at 23 °C
at 23 °C
Ohms
at 23 °C
at 23 °C
Watts
cUL
TÜV
Volts
Amps
Amps
RMin.
R1Max.**
Amps
Seconds
Typical
E174545
R 50384138
MF-FSHT005KX
12
40
0.05
0.25
1.5
30
0.5
1.5
0.5
✓✓
MF-FSHT010KX
12
40
0.10
0.50
0.9
8.5
2.5
1.5
0.5
✓✓
MF-FSHT016KX
12
40
0.16
0.80
0.6
6.0
8.0
0.1
0.5
✓✓
**R1Max. measured 24 hours post reflow
Test Procedures and Requirements
Item
Test Condition
Accept/Reject Criteria
Visual/Mechanical
Verify dimensions and materials
Per MF physical description
Resistance
In still air @ 23 °C
Rmin ≤ R ≤ Rmax
Time to Trip
At specified current, Vmax, 23 °C, still air
T ≤ max. time to trip (seconds)
Hold Current
30 min. at Ihold, still air
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
No arcing or burning
Trip Endurance
Vmax, 48 hours
No arcing or burning
Solderability
245 °C ±5 °C, 5 seconds
95 % min. coverage
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +125 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+125 °C, 1000 hours
R < R1max
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
R < R1max
Thermal Shock
-40 °C to +125 °C, 20 times
R < R1max
Solvent Resistance
MIL-STD-202, Method 215
No change
(Marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)


Similar Part No. - MF-FSHT016KX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-FSHT016KX BOURNS-MF-FSHT016KX Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
More results

Similar Description - MF-FSHT016KX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com