Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSHT016KX Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-FSHT016KX
Description  MF-FSHT Series – PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSHT016KX Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-FSHT016KX Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSHT016KX Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MF-FSHT Series – PTC Resettable Fuses
Product Dimensions
Model
AB
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
MF-FSHT005KX
1.45
(.057)
1.85
(.073)
0.65
(.026)
1.05
(.041)
0.30
(.012)
0.65
(.026)
0.20
(.008)
0.05
(.002)
MF-FSHT010KX
1.45
(.057)
1.85
(.073)
0.65
(.026)
1.05
(.041)
0.30
(.012)
0.65
(.026)
0.20
(.008)
0.05
(.002)
MF-FSHT016KX
1.45
(.057)
1.85
(.073)
0.65
(.026)
1.05
(.041)
0.30
(.012)
0.65
(.026)
0.20
(.008)
0.05
(.002)
Top View
Side View
Bottom View
AC
D
E
B
Recommended Pad Layout
1.00
(.039)
1.00
(.039)
0.70
(.028)
0.70
(.028)
Terminal Material:
ENIG-plated terminals
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
+23 °C
+40 °C
+50 °C
+60 °C
+70 °C
+85 °C
+125 °C
MF-FSHT005KX
0.073
0.066
0.058
0.05
0.044
0.041
0.037
0.034
0.028
0.014
MF-FSHT010KX
0.15
0.13
0.12
0.10
0.09
0.08
0.074
0.067
0.056
0.027
MF-FSHT016KX
0.23
0.21
0.19
0.16
0.14
0.13
0.12
0.11
0.09
0.04
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Typical Time to Trip at 23 ˚C
A - MF-FSHT005KX
B - MF-FSHT010KX
C - MF-FSHT016KX
Fault Current (Amps)
A
B
C
10
1
0.1
0.01
0.001
0.1
1
10
100
The Time to Trip curves represent typical performance of a device in
a simulated application environment. Actual performance in specific
customer applications may differ from these values due to the
influence of other variables.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com