Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF80P03 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF80P03
Description  P -CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF80P03 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF80P03 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TF80P03
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
P -CHANNEL ENHANCEMENT MODE POWER MOSFET
1
www.sztuofeng.com
Jul 2021 V1.0
●Ordering Information:
●Absolute Maximum Ratings
(T
C =25
℃
)
● General Description
The TF80P03 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDSON .This device is ideal for load switch
and battery protection applications.
● Features
Advance high cell density Trench technology
Low RDS(ON) to minimize conductive loss
Low Gate Charge for fast switching
Low Thermal resistance
●Application
MB/VGA Vcore
SMPS 2nd Synchronous Rectifier
POL application
BLDC Motor driver
● Product Summary
VDS =-30V
RDSON(-10V typ)
RDSON(-4.5V typ)
ID=-80A
=5.3mΩ
=6.8mΩ
Part NO.
TF80P03
Marking 1
MOQ
TO-251:50/PCS TO-252:2500/PCS
D
G
S
80N03
Marking 2
TF:tuofeng; Y:year code; XX:Week; AA:device code;
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID@TC=25
℃
-80
A
ID@TC=75
℃
-60
A
ID @TC=100
℃
-48
A
Pulsed Drain Current ①
IDM
-160
A
Total Power Dissipation
PD@TC=25
℃
50
W
Total Power Dissipation
PD@TA=25
℃
2.0
W
Operating Junction Temperature
T J
-55 to 150
℃
Storage Temperature
TSTG
-55 to 150
℃
Note:
① Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2% ;
TO-252
D
G
S
TO-251
G
D
S
80P03
TFYXXAA
80P03
TFYXXAA
D
D


Similar Part No. - TF80P03

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF80-10 RHOMBUS-IND-TF80-10 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF80-10 RHOMBUS-IND-TF80-10 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF80-5 RHOMBUS-IND-TF80-5 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF80-5 RHOMBUS-IND-TF80-5 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF80-7 RHOMBUS-IND-TF80-7 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF80P03

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com