Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF80P03 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF80P03
Description  P -CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF80P03 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF80P03 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF80P03 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
P -CHANNEL ENHANCEMENT MODE POWER MOSFET
2
www.sztuofeng.com
Jul 2021 V1.0
Single Pulse Avalanche Energy
EAS
230
mJ
Avalanche Current
IAS IAR
-20
A
●Thermal resistance
Parameter
Symbol
Min.
Typ.
Max.
Unit
Thermal resistance, junction - case
RthJC
-
-
2.0
°C/W
Thermal resistance, junction - ambient
RthJA
-
-
47
°C/W
Soldering temperature, wave soldering for
8s
Tsold
-
-
265
°C
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Drain-Source Breakdown
Voltage
BVDSS
VGS =0V,ID =250uA
-30
V
Gate Threshold Voltage
VGS(TH)
VGS =V DS, ID =250uA
-1.0
-2.1
V
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS =0V
-1.0
uA
Gate- Source Leakage Current
IGSS
VGS=±20V ,VDS =0V
±100
nA
Static Drain-source On
Resistance
RDS(ON)
VGS=-10V, ID=-30A
5.3
6.5
mΩ
VGS=-4.5V, ID=-20A
6.8
7.5
mΩ
Forward Transconductance
gFS
VDS =-15V, ID=-30A
15
S
Source-drain voltage
VSD
Is=-20A
1.20
V
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Input capacitance
Ciss
Vds=-15V,Vgs=0V
f = 1MHz
-
4664
-
pF
Output capacitance
Coss
-
616.8
-
Reverse transfer capacitance
Crss
-
603.2
-
⚫Gate Charge characteristics(Ta = 25
℃)
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Gate Risistance
Rg
f = 1MHz
1.5
Ω
Total gate charge
Qg
VDD = - 15V
ID = -20A
VGS = -10V
-
78
-
nC
Gate - Source charge
Qgs
-
9.5
-
Gate - Drain charge
Qgd
-
20.9
-
Turn-ON Delay time
tD(on)
VGS=-10V ,VDS=-10V
RG =6.0Ω, I=-20A
17
ns
Turn-ON Rise time
tr
76
ns
Turn-Off Delay time
tD(off)
130
ns
Turn-Off Fall time
tf
68
ns
-1.5
TF80P03



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com