Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011ATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STNRG011ATR
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011ATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STNRG011ATR Datasheet HTML 3Page - STMicroelectronics STNRG011ATR Datasheet HTML 4Page - STMicroelectronics STNRG011ATR Datasheet HTML 5Page - STMicroelectronics STNRG011ATR Datasheet HTML 6Page - STMicroelectronics STNRG011ATR Datasheet HTML 7Page - STMicroelectronics STNRG011ATR Datasheet HTML 8Page - STMicroelectronics STNRG011ATR Datasheet HTML 9Page - STMicroelectronics STNRG011ATR Datasheet HTML 10Page - STMicroelectronics STNRG011ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
No.
Name
Function
18
VCC
Supply voltage of both the signal part of the IC and the gate-drivers. A bypass capacitor to GND is
necessary to sustain the IC during startup and low power modes.
The voltage on the pin is internally clamped to protect the internal circuits from temporary excessive supply
voltages.
19
N.C.
The pin is not internally connected to isolate the high-voltage section and ease compliance with safety
regulations (creepage distance) on the PCB.
20
VAC
High-voltage startup generator input.
The pin has to be connected directly to the mains voltage through two dedicated diodes.
If the voltage on the pin is higher than 50 V, an internal current source charges the capacitor connected
between the pin VCC and GND until the voltage on the VCC pin reaches the startup threshold.
Normally, the generator is re-enabled when the voltage on the VCC pin falls below the UVLO threshold.
The pin is also used as the line voltage sensing input.
This pin is internally connected to a 20 MΩ resistor divider. It is used for all line sense related functions: the
AC brown-out, surge detection, line disconnection, input voltage feed-forward, line synchronization.
When a line disconnection is detected, the internal current source is activated to discharge the X-capacitor.
STNRG011A
Pin function
DS13973 - Rev 2
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com