Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011ATR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STNRG011ATR
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011ATR Datasheet(HTML) 4 Page - STMicroelectronics

  STNRG011ATR Datasheet HTML 1Page - STMicroelectronics STNRG011ATR Datasheet HTML 2Page - STMicroelectronics STNRG011ATR Datasheet HTML 3Page - STMicroelectronics STNRG011ATR Datasheet HTML 4Page - STMicroelectronics STNRG011ATR Datasheet HTML 5Page - STMicroelectronics STNRG011ATR Datasheet HTML 6Page - STMicroelectronics STNRG011ATR Datasheet HTML 7Page - STMicroelectronics STNRG011ATR Datasheet HTML 8Page - STMicroelectronics STNRG011ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
3
Absolute maximum ratings and thermal data
Table 1. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VVAC
VAC
Voltage range
-1 to 800
V
VBOOT
BOOT
Floating supply voltage, referred to
GND
-0.3 to 600 + VCC
V
VFGND
FGND
Floating ground voltage, connected
to the half-bridge node
-3 up to a value included in the
range BOOT - VCC and BOOT
+0.3
V
dVFGND /dt
FGND
Floating ground max. slew rate
50
V/ns
VHVG
HVG
HVG voltage
FGND -0.3 to BOOT +0.3
V
VVCC
VCC
IC supply voltage
-0.3 to 19
V
VLVG
VPFC_GD
LVG, PFC_GD
Voltage range
-0.3 to VCC
V
VVCORE
VCORE
Voltage range
-0.3 to 5.5
V
IPFC_CS, ILLC_CS,
IPFC_ZCD,
PFC_CS, LLC_CS,
PFC_ZCD
Clamped source current
(pin voltage: < 0 V, self-limited)
2
mA
VPFC_CS, VLLC_CS,
VPFC_ZCD
PFC_CS, LLC_CS,
PFC_ZCD
Positive voltage range
VCORE +0.3
V
VPFC_FB, VLLC_FB
PFC_FB. LLC_FB
Voltage range
-0.3 to VCORE +0.3
V
VRX
RX
Voltage range
-0.3 to VCORE +0.3
V
VTX
TX
Voltage range
-0.3 to VCORE+ 0.3
V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Max. thermal resistance, junction to ambient
120
°C/W
Tj
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
STNRG011A
Absolute maximum ratings and thermal data
DS13973 - Rev 2
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com