Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A1LU Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RZ/A1LU
Description  RTOS-Based MPU Introduction to Renesas RZ/A Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1LU Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/A1LU Datasheet HTML 1Page - Renesas Technology Corp RZ/A1LU Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RTOS-Based MPU
Introduction to Renesas RZ/A Series
Benefits of RZ/A Series - Develop like MCUs
RZ/A series MPUs retain the ease-of-use of Renesas MCUs due to rich integrated development environments, and deliver higher performance than
MCUs.
RZ/A Series Product Positioning
The RZ/A series is an RTOS-based microprocessor (MPU) combining excellent real-time performance and fast boot time based on Renesas'
proprietary technology and Arm® ecosystem, and is as user-friendly as Renesas MCUs.
The high-speed performance of RZ/A MPU can quickly process graphics and high-load applications in the third generation RZ/A3UL group MPU. RZ/
A2M is embedded with Dynamically Reconfigurable Processor (DRP) technology enabling real-time video image pre-processing at the endpoint, for
embedded AI applications. RZ/A1 group offers up to 10 MB of on-chip SRAM, which can buffer up-to WXGA resolution graphics without the need
for external SDRAM. 
RZ/A1LC
RZ/A1L
RZ/A1LU
RZ/A1M
RZ/A1H
RZ/A1
RZ/A3UL
1st Generation
2nd Generation
3rd Generation
• 1.6Gbps DDR3L/4 x 16bit (Up to 4GB)
• Arm® Cortex® -A55 1GHz
• 200Mbps Octa IF
• On-chip RAM 2-10MB
• Arm® Cortex®-A9 400MHz
On-chip RAM 2-10MByte
External DDR3L/4 RAM
• On-chip RAM 4MB
• Arm® Cortex®-A9 528MHz
• DRP for AI
• MIPI Camera I/F
• 132Mbps Octa x 2
• Support WVGA
(800 x 640)
• Support HD
(1280 x 720)
RZ/A2M
Free
RTOS
Sample
Application
Middleware
Device Driver
Tool
TES Guiliani
App
eGML*1
ex) RZ/A2M Software Package
e2 studio,
GSE*2
and
other tools
This is an example using Free RTOS.
*1 embedded Graphics Multiplatform Library
*2 Guiliani Streaming Editor
Free of charge RZ/A software package
(Downloadable from Renesas Web)
GUI Development Tools: TES Guiliani-Lite
Compiler: GNU Arm Embedded Toolchain
Development environment: e2 studio
Adopts FreeRTOS V10
(High market share in WW)
Supports Azure RTOS with
rich middleware
2022.8
renesas.com


Similar Part No. - RZ/A1LU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/A1H RENESAS-RZ/A1H Datasheet
4Mb / 137P
RZ/A1H Group, RZ/A1M Group
Rev.1.00 Dec. 25, 2024
RZ/A1M RENESAS-RZ/A1M Datasheet
4Mb / 137P
RZ/A1H Group, RZ/A1M Group
Rev.1.00 Dec. 25, 2024
More results

Similar Description - RZ/A1LU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
AT91SAM ARM-based Embedded MPU
AT91SAM9G35-CU ATMEL-AT91SAM9G35-CU Datasheet
8Mb / 1224P
AT91SAM ARM-based Embbedded MPU
AT91SAM9G25-CU ATMEL-AT91SAM9G25-CU Datasheet
6Mb / 1102P
AT91SAM ARM-based Embbedded MPU
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
ARM-based Embedded MPU
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
ARM-based Embedded MPU
logo
Silicon Laboratories
AN575 SILABS-AN575 Datasheet
1Mb / 8P
INTRODUCTION TO FPGA-BASED ADPLLS
logo
Renesas Technology Corp
GR-MANGO RENESAS-GR-MANGO Datasheet
1Mb / 32P
GR-MANGO is the Gadget Renesas board for the Renesas RZ familys RZ/A2M group of microprocessors (MPU) products
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com