Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB08 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB08
Description  PDB08 - 8 mm Micro Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB08 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB08 Datasheet HTML 1Page - Bourns Electronic Solutions PDB08 Datasheet HTML 2Page - Bourns Electronic Solutions PDB08 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDB08 - 8 mm Micro Rotary Potentiometer
Shaft Dimensions
Tapers
Pin Dimensions
1.0
(.039)
4.5
(.177)
2.2
(.087)
2
(.079)
3.4
(.134)
3
(.118)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
TAPERS A SERIES
100
90
80
70
60
50
40
30
20
10
0
0
TERM. “1”
ROTATION TRAVEL (%)
TERM. “3”
10 20 30 40 50 60 70 80 90 100
(15A):A3
TAPERS C SERIES
100
90
80
70
60
50
40
30
20
10
0
100
TERM. “1”
ROTATION TRAVEL (%)
TERM. “3”
90 80 70 60 50 40 30 20 10
0
(20C):C4
TAPERS B SERIES
100
90
80
70
60
50
40
30
20
10
0
0
TERM. “1”
ROTATION TRAVEL (%)
TERM. “3”
10 20 30 40 50 60 70 80 90 100
(3B):B3
(1B):B1
How To Order
PDB08 1 – P 1 0 - 103 B3
Model Series
Number of Units
1 = Single
2 = Dual
Orientation
P = PC-Pins Down Facing
Shaft Length
1 = 1 mm (2 mm pin length)
4 = 45 mm (3 mm pin length)
Center Detent
0 = No Detent
1 = Center Detent (single unit only)
Resistance Code (see Table)
Resistance Taper (see Taper charts)
Resistance
(Ohms)
Resistance
Code
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
250,000
254
500,000
504
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com
03/21



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com