Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB08 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB08
Description  PDB08 - 8 mm Micro Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB08 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB08 Datasheet HTML 1Page - Bourns Electronic Solutions PDB08 Datasheet HTML 2Page - Bourns Electronic Solutions PDB08 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PDB08 - 8 mm Micro Rotary Potentiometer
Features
n
Plasticshaft
n
Lowprofile
n
Centerdetent
n
Audioandlineartapers
n
PC-pinlayoutforboardmount
n
RoHScompliant*
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Electrical Characteristics
TaperAudio, Linear
Standard Resistance
5k ohms to 500k ohms
Standard Resistance Tolerance±30 %
Residual Resistance 5 ohms max
Power Rating 003 W
Maximum Operating Voltage 50 V AC
Sliding Noise100 mV max
Environmental Characteristics
Operating Temperature Range
 -10 °C to +60 °C
Storage Temperature Range
 -10 °C to +70 °C
Soldering Condition
Wave Soldering260 °C for 5 s
Manual Soldering350 °C for 3 s
Mechanical Characteristics
Mechanical Angle  200 ° ±10 ° max
Torque
Starting and Running 10 to 100 gf-cm
Detent 10 to 100 gf-cm
Stop Strength 1 kgf-cm min
Rotational Life10,000 cycles min
Circuit Single
1
2
3
Circuit Dual
2
3
1
3
2
1
A & B Taper
3
1
3
2
2
1
C Taper
Product Dimensions
X
X
1
2
3
M1.4 x 0.3 DEPTH 3.2
C0.15
Y
45 °
Y
2.5 ± 0.05
(.098 ± .002)
8.5 ± 0.5
(.335 ± .020)
1.9 ± 0.05
(.075 ± .002)
1.0 ± 0.1
(.039 ± .004)
0.3
(.012)
4.7
(.185)
1.5
(.059)
2.2
(.087)
2
(.079)
1
(.039)
3.2 ± 0.2
(.126 ± .008)
0.8 ± 0.2
(.031 ± .008)
9.4 ± 0.5
(.370 ± .020)
3.2 ± 0.2
(.126 ± .008)
8.8 +0.2/-0.1
(.346 +.008/-.004)
PCB Layout Single
PCB Layout Dual A & B Taper
PCB Layout Dual C Taper
90 °
Y
1
3
2
X
2 PLCS.
X
Y
4.7
(.185)
R.
1 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
9 +0/-0.1
(.354 +0/-.004)
1.5
(.059)
1.2
(.047)
2 PLCS.
1.2
(.047)
90 °
3
1
3
2
2
2 PLCS.
4.7
(.185)
R.
1 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
9 +0/-0.1
(.354 +0/-.004)
1.5
(.059)
1.2
(.047)
2 PLCS.
1.2
(.047)
1
90 °
1
1
3 3
2
2
2 PLCS.
4.7
(.185)
R.
1 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
9 +0/-0.1
(.354 +0/-.004)
1.5
(.059)
1.2
(.047)
2 PLCS.
1.2
(.047)
DIMENSIONS:
MM
(INCHES)
Additional Information
Click these links for more information:
PRODUCT
TECHNICAL
LIBRARY
INVENTORY
SAMPLES
CONTACT


Similar Part No. - PDB08

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB0805 SUPERWORLD-PDB0805 Datasheet
483Kb / 6P
SMD POWER INDUCTORS
PDB0805100MZF SUPERWORLD-PDB0805100MZF Datasheet
483Kb / 6P
SMD POWER INDUCTORS
PDB0805101MZF SUPERWORLD-PDB0805101MZF Datasheet
483Kb / 6P
SMD POWER INDUCTORS
PDB0805150MZF SUPERWORLD-PDB0805150MZF Datasheet
483Kb / 6P
SMD POWER INDUCTORS
PDB0805151MZF SUPERWORLD-PDB0805151MZF Datasheet
483Kb / 6P
SMD POWER INDUCTORS
More results

Similar Description - PDB08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com