Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 104 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 104 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 100Page - Texas Instruments XAM2432...ALX Datasheet HTML 101Page - Texas Instruments XAM2432...ALX Datasheet HTML 102Page - Texas Instruments XAM2432...ALX Datasheet HTML 103Page - Texas Instruments XAM2432...ALX Datasheet HTML 104Page - Texas Instruments XAM2432...ALX Datasheet HTML 105Page - Texas Instruments XAM2432...ALX Datasheet HTML 106Page - Texas Instruments XAM2432...ALX Datasheet HTML 107Page - Texas Instruments XAM2432...ALX Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 280 page
background image
6.3.20 Reserved
Table 6-67. Reserved Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
RSVD0 (1)
RSVD
Reserved (RSVD0)
H16
H11
RSVD1 (1)
RSVD
Reserved (RSVD1)
D21
J13
RSVD2 (1)
RSVD
Reserved (RSVD2)
G13
RSVD3 (1)
RSVD
Reserved (RSVD3)
F17
RSVD4 (1)
RSVD
Reserved (RSVD4)
W15
RSVD5 (1)
RSVD
Reserved (RSVD5)
V16
RSVD6 (1)
RSVD
Reserved (RSVD6)
K2
RSVD7 (1)
RSVD
Reserved (RSVD7)
K1
RSVD8 (1)
RSVD
Reserved (RSVD8)
F12
(1)
This pin is reserved and must remain unconnected.
6.3.21 SERDES
MAIN Domain Instances
Table 6-68. SERDES0 Signal Descriptions
Signal Name [1] ((3)) ((2))
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
PCIE0_CLKREQn
IO
PCIE Clock Request Signal
D16
C11
SERDES0_REXT (1)
A
External Calibration Resistor
T13
SERDES0_REFCLK0N
IO
SerDes Reference Clock Input/Output (negative)
W16
SERDES0_REFCLK0P
IO
SerDes Reference Clock Input/Output (positive)
W17
SERDES0_RX0_N
I
SerDes Differential Receive Data (negative)
Y15
SERDES0_RX0_P
I
SerDes Differential Receive Data (positive)
Y16
SERDES0_TX0_N
O
SerDes Differential Transmit Data (negative)
AA16
SERDES0_TX0_P
O
SerDes Differential Transmit Data (positive)
AA17
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
The functionality of these pins is controlled by SERDES0_LN0_CTRL_LANE_FUNC_SEL register.
(3)
The SERDES0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
6.3.22 System and Miscellaneous
6.3.22.1 Boot Mode Configuration
MAIN Domain Instances
Table 6-69. Sysboot Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
BOOTMODE00
I
Bootmode pin 0
T20
R21
BOOTMODE01
I
Bootmode pin 1
U21
R20
BOOTMODE02
I
Bootmode pin 2
T18
T19
BOOTMODE03
I
Bootmode pin 3
U20
V21
BOOTMODE04
I
Bootmode pin 4
U18
U21
BOOTMODE05
I
Bootmode pin 5
U19
T20
BOOTMODE06
I
Bootmode pin 6
V20
T18
BOOTMODE07
I
Bootmode pin 7
V21
U19
BOOTMODE08
I
Bootmode pin 8
V19
U18
BOOTMODE09
I
Bootmode pin 9
T17
U20
BOOTMODE10
I
Bootmode pin 10
R16
V20
BOOTMODE11
I
Bootmode pin 11
W20
W20
BOOTMODE12
I
Bootmode pin 12
W21
Y20
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
104
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com