Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 105 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 105 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 101Page - Texas Instruments XAM2432...ALX Datasheet HTML 102Page - Texas Instruments XAM2432...ALX Datasheet HTML 103Page - Texas Instruments XAM2432...ALX Datasheet HTML 104Page - Texas Instruments XAM2432...ALX Datasheet HTML 105Page - Texas Instruments XAM2432...ALX Datasheet HTML 106Page - Texas Instruments XAM2432...ALX Datasheet HTML 107Page - Texas Instruments XAM2432...ALX Datasheet HTML 108Page - Texas Instruments XAM2432...ALX Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 280 page
background image
Table 6-69. Sysboot Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
BOOTMODE13
I
Bootmode pin 13
V18
Y19
BOOTMODE14
I
Bootmode pin 14
Y21
Y18
BOOTMODE15
I
Bootmode pin 15
Y20
AA19
6.3.22.2 Clocking
MCU Domain Instances
Table 6-70. MCU Clock Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_OSC0_XI
I
High frequency oscillator input
C21
D20
MCU_OSC0_XO
O
High frequency oscillator output
B20
C21
6.3.22.3 SYSTEM
MAIN Domain Instances
Table 6-71. System Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
CLKOUT0
O
RMII Clock Output (50 MHz). This pin is used for Clock
source to the external PHY and must be routed back to the
RMII_REF_CLK pin for proper device operation.
A19, U13
A18, V13
EXTINTn (2) (3)
I
External Interrupt
C19
EXT_REFCLK1
I
External Clock input to MAIN domain, routed to Timer
Clock muxes as one of the selectable input Clock sources
for Timer/WWDT modules, or as reference Clock to
MAIN_PLL2 (PER1 PLL)
A19
A18
GPMC0_FCLK_MUX (1)
O
GPMC functional Clock output selected through mux logic
R17
OBSCLK0
O
Observation Clock output for test and debug purposes only
D17
A15
PORz_OUT
O
MAIN domain POR status output
E17
D18
RESETSTATz
O
MAIN domain warm reset status output
F16
E19
RESET_REQz
I
MAIN domain external warm reset request input
E18
C17
SYSCLKOUT0
O
SYSCLK0 output from MAIN PLL controller (divided by 6)
for test and debug purposes only
C17
B14
(1)
The GPMC0_FCLK_MUX signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
(2)
The EXTINTn signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
(3)
EXTINTn is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
MCU Domain Instances
Table 6-72. MCU System Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_EXT_REFCLK0 (2)
I
External system Clock input
B7
MCU_OBSCLK0
O
Observation Clock output for test and debug purposes only
C6, E10
B3
MCU_PORz
I
MCU domain cold reset
B21
C20
MCU_RESETSTATz
O
MCU domain warm reset status output
B13
A6
MCU_RESETz
I
MCU domain warm reset
B12
A5
MCU_SAFETY_ERRORn
IO
Error signal output from MCU domain ESM
A20
B20
MCU_SYSCLKOUT0 (1)
O
MCU domain system Clock output for test and debug
purposes only
C6
(1)
The MCU_SYSCLKOUT0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com