Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 115 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 115 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 111Page - Texas Instruments XAM2432...ALX Datasheet HTML 112Page - Texas Instruments XAM2432...ALX Datasheet HTML 113Page - Texas Instruments XAM2432...ALX Datasheet HTML 114Page - Texas Instruments XAM2432...ALX Datasheet HTML 115Page - Texas Instruments XAM2432...ALX Datasheet HTML 116Page - Texas Instruments XAM2432...ALX Datasheet HTML 117Page - Texas Instruments XAM2432...ALX Datasheet HTML 118Page - Texas Instruments XAM2432...ALX Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 280 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD_CORE
Core supply
-0.3
1.05
V
VDDR_CORE
RAM supply
-0.3
1.05
V
VDD_MMC0
MMC0 PHY core supply
-0.3
1.05
V
VDD_DLL_MMC0
MMC0 PLL analog supply
-0.3
1.05
V
VDDA_0P85_SERDES0
SERDES0 0.85 V analog supply
-0.3
1.05
V
VDDA_0P85_SERDES0_C SERDES0 clock 0.85 V analog supply
-0.3
1.05
V
VDDA_0P85_USB0
USB0 0.85 V analog supply
-0.3
1.05
V
VDDS_DDR
DDR PHY IO supply
-0.3
1.57
V
VDDS_DDR_C
DDR clock IO supply
-0.3
1.57
V
VDDS_MMC0
MMC0 PHY IO supply
-0.3
1.98
V
VDDS_OSC
MCU_OSC0 supply
-0.3
1.98
V
VDDA_MCU
POR and MCU PLL analog supply
-0.3
1.98
V
VDDA_ADC0
ADC0 analog supply
-0.3
1.98
V
VDDA_PLL0
Main, PER1, and R5F PLL analog supply
-0.3
1.98
V
VDDA_PLL1
ARM and DDR PLL analog supply
-0.3
1.98
V
VDDA_PLL2
PER0 PLL analog supply
-0.3
1.98
V
VDDA_1P8_SERDES0
SERDES0 1.8 V analog supply
-0.3
1.98
V
VDDA_1P8_USB0
USB0 1.8 V analog supply
-0.3
1.98
V
VDDA_TEMP0
TEMP0 analog supply
-0.3
1.98
V
VDDA_TEMP1
TEMP1 analog supply
-0.3
1.98
V
VPP
eFuse ROM programming supply
-0.3
1.98
V
VDDSHV_MCU
IO supply for IO MCU
-0.3
3.63
V
VDDSHV0
IO supply for IO group 0
-0.3
3.63
V
VDDSHV1
IO supply for IO group 1
-0.3
3.63
V
VDDSHV2
IO supply for IO group 2
-0.3
3.63
V
VDDSHV3
IO supply for IO group 3
-0.3
3.63
V
VDDSHV4
IO supply for IO group 4
-0.3
3.63
V
VDDSHV5
IO supply for IO group 5
-0.3
3.63
V
VDDA_3P3_USB0
USB0 3.3 V analog supply
-0.3
3.63
V
VDDA_3P3_SDIO
SDIO 3.3 V analog supply
-0.3
3.63
V
Steady-state max voltage
at all fail-safe IO pins
MCU_PORz
-0.3
3.63
V
MCU_I2C0_SCL, MCU_I2C0_SDA, I2C0_SCL,
I2C0_SDA, EXTINTn
-0.3
1.98(3)
V
VMON_1P8_MCU, VMON_1P8_SOC
-0.3
1.98(3)
V
VMON_3P3_MCU, VMON_3P3_SOC
-0.3
3.63
V
VMON_VSYS(4)
-0.3
1.98
V
Steady-state max voltage
at all other IO pins(5)
USB0_VBUS(6)
-0.3
3.6
V
USB0_ID(7)
-0.3
3.6
V
All other IO pins
-0.3
IO
Supply
Voltage + 0.3
V
Transient overshoot and
undershoot at IO pin
20% of IO supply voltage for up to 20% of the
signal period (see Figure 7-1, IO Transient Voltage
Ranges)
0.2 × VDD(8)
V
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
115
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com