Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 118 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 118 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 114Page - Texas Instruments XAM2432...ALX Datasheet HTML 115Page - Texas Instruments XAM2432...ALX Datasheet HTML 116Page - Texas Instruments XAM2432...ALX Datasheet HTML 117Page - Texas Instruments XAM2432...ALX Datasheet HTML 118Page - Texas Instruments XAM2432...ALX Datasheet HTML 119Page - Texas Instruments XAM2432...ALX Datasheet HTML 120Page - Texas Instruments XAM2432...ALX Datasheet HTML 121Page - Texas Instruments XAM2432...ALX Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 280 page
background image
7.3 Power-On Hours (POH)
The estimated POH data for continuous device operation at specific junction temperatures is provided in the
table below.
Temperature
Rating
Temperature Range
JUNCTION
TEMP
(TJ)(1)
ESTIMATED(2)
LIFETIME
(POH)(3)
A
-40°C to 105°C
105°C
100000
I
-40°C to 125°C
105°C
100000
110°C
64000
115°C
41000
120°C
26500
125°C
17500
(1)
Unless specified, all voltage domains and operating conditions are supported in the device at the noted temperatures.
(2)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard
terms and conditions for TI semiconductor products.
(3)
POH is a function of voltage, temperature and time. Usage at higher voltages and temperatures results in a reduction in POH.
Note
See additional details regarding operating hours at the links below.
Calculating Useful Lifetimes of Embedded Processors
This application report provides a methodology for calculating the useful lifetime of TI embedded
processors (EP) under power when used in electronic systems. The document is intended for general
engineers who wish to determine if the reliability of the TI EP device meets the end system reliability
requirement. Electro-migration is the primary failure mechanism being modeled.
AM243x Extended Power-On Hours
This application report provides guidelines for extending the operational lifetime of an AM243x device
from 100k Power-On Hours (POH) up to 200k POH.
TI provides a detailed quality and reliability section on the TI website which discusses quality and
reliability for all TI devices, including the AM243x processor at http://www.ti.com/quality.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
118
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com