Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 228 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 228 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 224Page - Texas Instruments XAM2432...ALX Datasheet HTML 225Page - Texas Instruments XAM2432...ALX Datasheet HTML 226Page - Texas Instruments XAM2432...ALX Datasheet HTML 227Page - Texas Instruments XAM2432...ALX Datasheet HTML 228Page - Texas Instruments XAM2432...ALX Datasheet HTML 229Page - Texas Instruments XAM2432...ALX Datasheet HTML 230Page - Texas Instruments XAM2432...ALX Datasheet HTML 231Page - Texas Instruments XAM2432...ALX Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 280 page
background image
Table 7-113. PRU_ICSSG PRU Timing Requirements – Peripheral Interface Mode
see Figure 7-97
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPIF1 tw(PIF_DATA_INH)
Pulse duration, PIF_DATA_IN high
2 +
0.475*(4*P)
(1)
ns
PRPIF2 tw(PIF_DATA_INL)
Pulse duration, PIF_DATA_IN low
2 +
0.475*(4*P)
(1)
ns
(1)
P = 1x (or TX) clock period in ns, defined by PRUn_ED_TX_DIV_FACTOR and PRUn_ED_TX_DIV_FACTOR_FRAC in the
ICSSG_PRUn_ED_TX_CFG_REG register. PRUn represents the respective PRU0 or PRU1 instance.
PIF_DATA_IN
PRPIF1
PRUPIF_TIMING_01
PRPIF2
Figure 7-97. PRU_ICSSG PRU Peripheral Interface Timing Requirements
Table 7-114. PRU_ICSSG PRU Switching Characteristics – Peripheral Interface Mode
see Figure 7-98
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPIF3 tc(PIF_CLK)
Cycle time, PIF_CLK
30
ns
PRPIF4 tw(PIF_CLKH)
Pulse duration, PIF_CLK high
0.475*P
(1)
ns
PRPIF5 tw(PIF_CLKL)
Pulse duration, PIF_CLK low
0.475*P
(1)
ns
PRPIF6 td(PIF_CLK-
PIF_DATA_OUT)
Delay time, PIF_CLK fall to PIF_DATA_OUT
-5
5
ns
PRPIF7 td(PIF_CLK-PIF_DATA_EN) Delay time, PIF_CLK fall to PIF_DATA_EN
-5
5
ns
(1)
P = 1x (or TX) clock period in ns, defined by PRUn_ED_TX_DIV_FACTOR and PRUn_ED_TX_DIV_FACTOR_FRAC in the
ICSSG_PRUn_ED_TX_CFG_REG register. PRUn represents the respective PRU0 or PRU1 instance.
PIF_CLK
PIF_DATA_OUT
PRPIF3
PRPIF4
PRPIF6
PRPIF5
PIF_DATA_EN
PRPIF7
Figure 7-98. PRU_ICSSG PRU Peripheral Interface Switching Characteristics
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
228
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com