Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 232 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 232 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 228Page - Texas Instruments XAM2432...ALX Datasheet HTML 229Page - Texas Instruments XAM2432...ALX Datasheet HTML 230Page - Texas Instruments XAM2432...ALX Datasheet HTML 231Page - Texas Instruments XAM2432...ALX Datasheet HTML 232Page - Texas Instruments XAM2432...ALX Datasheet HTML 233Page - Texas Instruments XAM2432...ALX Datasheet HTML 234Page - Texas Instruments XAM2432...ALX Datasheet HTML 235Page - Texas Instruments XAM2432...ALX Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 280 page
background image
7.10.5.16.4 PRU_ICSSG Universal Asynchronous Receiver Transmitter (UART)
Table 7-121. PRU_ICSSG UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30(1)
pF
(1)
This value represents an absolute maximum load capacitance. As the UART baud rate increases, it may be necessary to reduce
the load capacitance to a value less than this maximum limit to provide enough timing margin for the attached device. The output
rise/fall times will increase as capacitive load increases, which decreases the time data is valid for the receiver of the attached devices.
Therefore, it is important to understand the minimum data valid time required by the attached device at the operating baud rate. Then
use the device IBIS models to verify the actual load capacitance on the UART signals will not increase the rise/fall times beyond the
point where it violates the minimum data valid time of the attached device.
7.10.5.16.4.1 PRU_ICSSG UART Timing
Table 7-122. PRU_ICSSG UART Timing Requirements
see Figure 7-103
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(RXD)
Pulse width, receive data bit high or low
0.95U(1)
(2)
1.05U(1)
(2)
ns
2
tw(RXDS)
Pulse width, receive start bit low
0.95U(1)
(2)
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
(2)
This value defines the data valid time, where the input voltage is required to be above VIH or below VIL.
Table 7-123. PRU_ICSSG UART Switching Characteristics
see Figure 7-103
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Programmed baud rate
12
Mbps
3
tw(TXD)
Pulse width, transmit data bit high or low
U(1) - 2
U(1) + 2
ns
4
tw(TXDS)
Pulse width, transmit start bit low
U(1) - 2
U(1) + 2
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
4
Start
Bit
Data Bits
PRG _UART0_TXD
i
PRU_UART_TIMING_01_RCVRVIHVIL
3
2
Data Bits
Bit
Start
PRG _UART0_RXD
i
1
V
IH
V
IL
Figure 7-103. PRU_ICSSG UART Timing Requirements and Switching Characteristics
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
232
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com