Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  Intel® 4th Generation Core i5 4300U/Celeron 2980U SoC Slim and Panel Mountable Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-1550
Front Panel External I/O
Rear Panel External I/O
Ordering Information
Part Number
Intel CPU
RAM
VGA
HDMI
GbE
USB
2.0
USB
3.0
GPIO
RS-232
RS-232/
422/485
Audio
MiniPCIe
2.5" HDD
bay
mSATA
Operating
Temperature
ARK-1550-S6A1E
Intel Celeron
2980U 1.6GHz
Up to 8GB
1
1
2
2
2
1
1
2
Line in
Line out
Mic in
1 Full size w/SIM
1
1
-20 ~ 55° C
ARK-1550-S6A2
Intel Celeron
2980U 1.6GHz
Up to 8GB
1
1
2
2
2
1
1
2
N/A
1 Full size w/SIM
1
1
-20 ~ 55° C
ARK-1550-S9A1E
Intel Core i5
4300U 1.9GHz
Up to 8GB
1
1
2
2
2
1
1
2
Line in
Line out
Mic in
1 Full size w/SIM
1
1
-20 ~ 55° C
ARK-1550-S9A2
Intel Core i5
4300U 1.9GHz
Up to 8GB
1
1
2
2
2
1
1
2
N/A
1 Full size w/SIM
1
1
-20 ~ 55° C
Note: Memory, storage and operating system bundled by request.
Packing List
Part Number
Description
-
1 x ARK-1550 Unit
-
1 x User Manual (Simplified Chinese)
-
1 x Power bracket
Embedded OS
Part Number
Description
2070012825
WES7E 64bit with EN/JP/TC/SC (OS size around 11G)
2070012882
WE8S 64bit with EN/JP/TC/SC (OS size around 13G)
20706WX6VS0024
Win10 IoT Ent 64bit Eng 1709 LTSB EN (OS size around 11.4GB)
Optional Items
Part Number
Description
96PSA-A60W12R1-3
AC-to-DC Adapter, DC 12V/5A 60W, with DC Jack Plug
96PSA-A84W12V1-3
AC-to-DC Adapter, DC 12V/7A 84W, with DC Jack Plug
1702002600
Power cable 3-pin 183 cm, USA type
1702002605
Power cable 3-pin 183 cm, Europe type
1702031801
Power cable 3-pin 183 cm, UK type
1700000237
Power cable 3-pin 183 cm, PSE type
AMK-V004E
VESA mounting kit
AMK-R004E
DIN-rail mounting kit
1700023855-01
1M lockable HDMI cable
1700023856-01
3M lockable HDMI cable
Dimensions
Unit: mm
RS-232
COM1
LINE-OUT
MIC
LINE-IN
Digital IO
ON/OFF
SSD LED
PWR LED
VGA
USB 2.0
USB 3.0
HDMI
LAN1
LAN2
SSD
DC INPUT
COM3
RS-232/422/485
COM2
RS-232/422/485
46.60
223.00
197.00
Ø8.000
Ø3.800
211.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com